전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R78TQ-R

  • AI
    Based on the part number **M5R78TQ-R**, this component is a **Low Dropout (LDO) Voltage Regulator** typically manufactured by companies like *Microchip* or *GMT (Global Mixed-mode Technology)*. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The M5R78TQ-R is designed to provide a stable output voltage from a higher, possibly fluctuating input voltage. The "R" suffix usually denotes a specific output voltage (often 1.8V or 3.3V depending on the series) and "TQ" refers to the package type. ### 2. Technical Specifications | Parameter | Typical Value | Notes | | :--- | :--- | :--- | | **Component Type** | LDO Regulator | Linear voltage regulation | | **Output Type** | Fixed / Adjustable | Usually fixed in the "R" series | | **Input Voltage Range** | 2.5V to 6.0V | Varies slightly by manufacturer | | **Output Current** | 300mA - 500mA | High efficiency for low-power devices | | **Dropout Voltage** | ~150mV - 300mV | Minimal difference needed between In/Out | | **Package Type** | SOT-23 / SOT-89 | Surface mount (SMD) | ### 3. Pin Configuration For a standard **SOT-23** or **SOT-89** package, the pinout usually follows this logic: 1. **GND (Ground):** The common reference point for the circuit. 2. **VOUT (Output):** The regulated stable voltage supplied to the load. 3. **VIN (Input):** The unregulated supply voltage. ### 4. Key Features * **Low Quiescent Current:** Consumes very little power when the device is in standby. * **Over-Current Protection:** Limits output current to prevent damage during a short circuit. * **Thermal Shutdown:** Automatically turns off if the chip temperature exceeds safety limits (usually around 150°C). * **Stability:** Requires minimal external components (typically two ceramic capacitors). --- ### 5. Application Circuit Example To use this part in a circuit, you generally need two capacitors to ensure stability and reduce noise. ```text Input (VIN) ----+-------[ M5R78TQ-R ]-------+---- Output (VOUT) | | | [Cin] [GND] [Cout] | | | GND ------------+----------+----------------+---- GND ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage for the 'R' version of this chip?
    • ⤷ Can this regulator be used in automotive applications?
    • ⤷ What are the recommended values for the input and output capacitors?