전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R83RHJ-R

  • AI
    Based on the technical designation, the **M5R83RHJ-R** refers to a high-performance **Synchronous Dynamic Random Access Memory (SDRAM)** module, typically associated with specialized or legacy industrial electronics. --- ### 1. Component Overview This part is a semiconductor memory chip. While exact specifications can vary by manufacturer (often associated with brands like OKI or Lapis), the naming convention typically follows this structure: | Feature | Description | | :--- | :--- | | **Category** | Integrated Circuit (IC) - Memory | | **Type** | SDRAM (Synchronous DRAM) | | **Package Type** | Often TSOP (Thin Small Outline Package) or BGA | | **Application** | Networking, Industrial Control, Embedded Systems | --- ### 2. Technical Specifications Key electronic characteristics of this series generally include: * **Clock Speed:** Designed to synchronize with the system bus, allowing for high-speed data transfer compared to asynchronous DRAM. * **Voltage:** Typically operates at **3.3V**, which is standard for SDR (Single Data Rate) memory generations. * **Interface:** Parallel data bus (usually 8-bit or 16-bit widths). * **Refresh Rate:** Internal self-refresh mechanisms to maintain data integrity. --- ### 3. Pin Configuration & Logic As a memory IC, the part consists of the following functional blocks: 1. **Address Inputs:** Used to select specific rows and columns within the memory array. 2. **Data I/O (DQ):** The pins through which data is read or written. 3. **Control Signals:** * **RAS/CAS:** Row and Column Address Strobe. * **WE:** Write Enable. * **CS:** Chip Select (enables/disables the chip). * **CLK:** Clock input for synchronization. --- ### 4. Common Use Cases The "R" suffix often denotes **RoHS Compliance** (lead-free) or a specific **Tape and Reel** packaging for automated assembly. You will find this part in: * **Legacy Computing:** Routers, switches, and printers from the early 2000s. * **Embedded Modules:** PLCs (Programmable Logic Controllers) where stability is prioritized over extreme speed. * **Medical Equipment:** Devices requiring long-lifecycle components. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity (density) of the M5R83RHJ-R?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ What are the recommended operating temperature ranges for this IC?