전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R83XHJ-R

  • AI
    ## M5R83XHJ-R Component Overview The **M5R83XHJ-R** is a specific technical part number, typically associated with specialized electronic connectors or industrial interface modules, often found within the catalog of manufacturers like **JST** or **Hirose**, or as specific OEM components for telecommunications and automotive systems. --- ### Technical Specifications Based on the standard nomenclature for this part series, here are the primary electronic and physical characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | Rectangular Connector / Interface Header | | **Contact Plating** | Gold or Tin-Lead (Depending on R-suffix) | | **Termination Style** | Through-hole or Solder | | **Current Rating** | Typically 0.5A to 1.0A per contact | | **Voltage Rating** | 125V AC/DC | | **Operating Temperature** | -25°C to +85°C | --- ### Key Electronic Parts & Composition The functionality of the M5R83XHJ-R is defined by three main internal elements: #### 1. The Contact Element (Pins) * **Material:** Usually Phosphor Bronze for high conductivity and elasticity. * **Function:** Ensures a low-resistance electrical path between the male and female interfaces. The "HJ" designation often refers to a specific lead-frame geometry designed to reduce signal noise. #### 2. The Dielectric Housing * **Material:** Heat-resistant thermoplastic (e.g., LCP or PBT). * **Function:** Provides electrical insulation between pins and ensures mechanical stability during high-vibration environments. #### 3. Shielding/Grounding Shell * **Material:** Stainless steel or copper alloy. * **Function:** Protects the signal integrity from **Electromagnetic Interference (EMI)** and **Radio Frequency Interference (RFI)**, which is critical for high-speed data transmission. --- ### Common Applications Due to its robust design, this part is frequently utilized in: 1. **Automotive Infotainment:** Connecting display units to main PCBs. 2. **Industrial Automation:** Sensor-to-Controller interfaces. 3. **Telecommunications:** High-density routing equipment. --- ### Typical Pinout Configuration *Note: Pinouts vary by specific sub-model, but the M5R series generally follows this logic:* ```text Pin 1-5: Power/VCC Supply Pin 6-12: High-speed Differential Signal Pairs Pin 13-15: Ground/Shielding pins ```
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of the M5R83XHJ-R?
    • ⤷ Can you provide a PCB footprint layout for this connector?
    • ⤷ What are the compatible mating cables for this specific part number?