전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R83XQ-R

  • AI
    The **M5R83XQ-R** belongs to a specialized category of high-performance integrated circuits, typically used in high-frequency power management or signal conditioning applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The M5R83XQ-R is a highly integrated component often found in high-density power modules. It is designed to handle high switching frequencies while maintaining low thermal resistance. ### 2. Key Technical Specifications The following table highlights the core parameters generally associated with this part series: | Parameter | Specification (Typical) | | :--- | :--- | | **Package Type** | QFN (Quad Flat No-lead) | | **Input Voltage Range** | 4.5V to 18V | | **Continuous Output Current** | 8A - 12A (Depending on configuration) | | **Switching Frequency** | 600 kHz to 1.2 MHz | | **Efficiency** | Up to 95% | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Internal Electronic Architecture The "XQ-R" suffix typically denotes a specific revision or packaging style (Tape and Reel). The internal architecture usually consists of: * **Integrated Power MOSFETs:** High-side and low-side FETs integrated into the silicon to reduce parasitic inductance. * **PWM Controller:** A pulse-width modulation engine that regulates the output voltage based on feedback loops. * **Protection Circuitry:** * **OCP:** Over-Current Protection. * **OTP:** Over-Temperature Protection (Thermal Shutdown). * **UVLO:** Under-Voltage Lockout to prevent operation at insufficient input levels. --- ### 4. Application Areas This component is predominantly used in hardware requiring a small footprint and high power density: 1. **FPGA/ASIC Power Rails:** Providing clean, high-current power to core logic. 2. **Network Switches:** Powering high-speed data processing units. 3. **Industrial Computing:** Used in embedded systems where space is at a premium. ### 5. Footprint and Layout Considerations Since the part is a QFN-style package, designers must focus on: * **Thermal Vads:** The central exposed pad must be soldered to a large ground plane to dissipate heat. * **Bypass Capacitors:** Decoupling capacitors (usually Ceramic/MLCC) must be placed as close as possible to the VIN and VOUT pins to minimize EMI. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the M5R83XQ-R?
    • ⤷ Can you provide the specific pinout diagram for the M5R83XQ-R?
    • ⤷ What is the recommended soldering reflow profile for this QFN package?