전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R83ZLJ-R

  • AI
    The **M5R83ZLJ-R** is a specific part number typically associated with **M.2 Solid State Drive (SSD)** components, often found in OEM supply chains (such as those for Dell or HP laptops). These units are generally manufactured by SK Hynix. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications The M5R83ZLJ-R belongs to the NVMe PCIe interface family, designed for high-speed data transfer and low latency in mobile computing. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2230 or 2280 (Physical size) | | **Interface** | PCIe Gen 3.0 x4 or Gen 4.0 x4 | | **Protocol** | NVMe (Non-Volatile Memory Express) | | **Storage Type** | 3D NAND Flash (TLC/QLC) | | **Voltage** | 3.3V ± 5% | | **Operating Temp** | 0°C to 70°C | --- ### 2. Key Electronic Components An SSD like the M5R83ZLJ-R is composed of several critical integrated circuits (ICs): #### A. NAND Flash Memory This is where the actual data is stored. It uses **3D NAND** technology, where memory cells are stacked vertically to increase density without increasing the physical footprint. #### B. SSD Controller The "brain" of the device. It manages: * **Wear Leveling:** Ensuring data is written evenly across cells to prevent premature failure. * **Error Correction Code (ECC):** Fixing bit errors that occur during data retrieval. * **Thermal Throttling:** Reducing speeds if the electronic components get too hot. #### C. Power Management IC (PMIC) Regulates the 3.3V input from the motherboard into the lower voltages (e.g., 1.8V, 0.9V) required by the controller and the NAND flash. #### D. Passives (Capacitors & Resistors) Small Surface Mount Devices (SMD) that filter electrical noise and ensure a stable voltage signal to protect against data corruption during power fluctuations. --- ### 3. Usage Context This part is commonly used as a: * **Boot Drive:** For fast OS startup. * **OEM Replacement:** Specific to laptops where space is at a premium (often the shorter 2230 form factor). ---
    ✨ Follow-up Questions
    • ⤷ What is the storage capacity of the M5R83ZLJ-R?
    • ⤷ Is this part compatible with PCIe Gen 4 slots?
    • ⤷ How can I check the health of this SSD using software?