전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R83ZP-R

  • AI
    The **M5R83ZP-R** is a specific technical component part number, most commonly associated with **LCD Panel Assemblies** or specialized **Display Modules** used in laptops (specifically certain models of Acer or ASUS laptops) and industrial monitors. Below is a breakdown of the electronic characteristics and specifications typical for this part category. --- ### 1. General Specifications The M5R83ZP-R typically refers to an LED-backlit LCD screen. | Feature | Description | | :--- | :--- | | **Component Type** | LCD Display / LED Screen | | **Backlight Technology** | WLED (White Light Emitting Diode) | | **Typical Size** | 15.6-inch (Standard for this series) | | **Surface Treatment** | Matte (Anti-glare) or Glossy | | **Connector Type** | eDP (Embedded DisplayPort) | ### 2. Key Electronic Components A display module like the M5R83ZP-R consists of several integrated electronic subsystems: * **T-CON Board (Timing Controller):** The "brain" of the screen. it translates the LVDS or eDP signals from the motherboard into horizontal and vertical signals for the pixels. * **LED Driver Circuit:** A DC-to-DC boost converter that manages the voltage required to power the backlight LEDs. * **Source Drivers:** Integrated circuits (ICs) located on the flexible PCB at the edge of the glass that control the color/voltage of individual sub-pixels. * **EEPROM/EDID Chip:** A small memory chip that stores the screen's identification data (resolution, refresh rate, and manufacturer ID) so the BIOS/OS can recognize it. ### 3. Interface and Pin Configuration Modern versions of these panels use the **eDP (Embedded DisplayPort)** interface. | Pin Count | Signal Type | Function | | :--- | :--- | :--- | | **30-Pin / 40-Pin** | Digital | High-speed data lanes for video transmission. | | **VCC** | Power | Typically 3.3V for the logic board. | | **VLED** | Power | Higher voltage (usually 7V - 21V) for the backlight. | | **PWM** | Control | Pulse Width Modulation for brightness dimming. | --- ### 4. Common Failure Modes If you are troubleshooting this part, common electronic failures include: 1. **Blown Backlight Fuse:** Located on the T-CON board; results in a "dark" screen where an image is visible only with a flashlight. 2. **EDID Corruption:** The laptop fails to detect the screen resolution correctly. 3. **Flex Cable Damage:** Micro-tears in the COF (Chip-on-Film) lead to vertical or horizontal lines.
    ✨ Follow-up Questions
    • ⤷ What is the specific resolution and refresh rate for the M5R83ZP-R?
    • ⤷ Is the M5R83ZP-R compatible with a 30-pin or 40-pin eDP connector?
    • ⤷ How can I test if the LED driver on the T-CON board is faulty?