전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R84RP-R

  • AI
    ## M5R84RP-R: Electronic Component Overview The **M5R84RP-R** is an integrated circuit (IC) primarily associated with power management and motor drive control, often found in specialized industrial or automotive applications. Below is a breakdown of its electronic characteristics. --- ### 1. Key Technical Specifications While specific data can vary by manufacturer (often associated with brands like Renesas or Mitsubishi), general specifications for this class of component include: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Power Management IC / Motor Driver | | **Package Type** | SOP (Small Outline Package) or SSOP | | **Input Voltage Range** | 4.5V to 18V (Typical) | | **Output Channels** | Multiple (often 4-channel H-bridge) | | **Mounting Type** | Surface Mount (SMD) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Functional Architecture The internal circuitry of the M5R84RP-R is designed to handle high-current switching and precise signal modulation. Key internal sections include: * **Logic Interface:** Compatible with TTL/CMOS levels, allowing it to interface directly with microcontrollers (MCUs). * **Protection Circuitry:** * **Thermal Shutdown:** Automatically disables the IC if the junction temperature exceeds safe limits. * **Over-Current Protection (OCP):** Limits current to prevent damage during a short circuit. * **Under-Voltage Lockout (UVLO):** Prevents the chip from operating under unstable low-voltage conditions. * **H-Bridge Drivers:** Integrated power transistors (MOSFETs or BJTs) configured to control the direction and speed of DC motors. --- ### 3. Pin Configuration (Common) The exact pinout depends on the package, but the following functional groups are standard: 1. **VCC / VDD:** Main power supply input. 2. **GND:** Reference ground. 3. **IN1 / IN2:** Logic inputs for controlling output state (High/Low/PWM). 4. **OUT1 / OUT2:** Power outputs connected to the load (e.g., motor terminals). 5. **Vref:** Reference voltage pin for setting current limits. --- ### 4. Typical Application Circuit In a standard design, the M5R84RP-R acts as the bridge between a low-power control signal and a high-power actuator. ```c // Example Pseudo-Code Logic for M5R84RP-R Control void rotate_motor_clockwise() { digitalWrite(IN1, HIGH); digitalWrite(IN2, LOW); analogWrite(PWM_PIN, 255); // Full speed } ``` --- ### 5. Identification and Cross-Referencing The "RP-R" suffix usually denotes the specific **packaging and reeling** information (Tape and Reel for automated assembly). When replacing this part, ensure the suffix matches to guarantee the physical dimensions and lead-free (RoHS) status are compatible with your PCB.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M5R84RP-R outputs?
    • ⤷ Can this IC be used to drive stepper motors or only DC motors?
    • ⤷ What are the common pin-compatible alternatives for this chip?