전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R84ZQJ-R

  • AI
    Based on the part number provided, the **M5R84ZQJ-R** refers to a high-performance **Synchronous Dynamic Random-Access Memory (SDRAM)** module, typically utilized in industrial, networking, and high-reliability embedded systems. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications The following table outlines the primary hardware parameters of the component: | Feature | Specification | | :--- | :--- | | **Memory Type** | SDRAM (Synchronous DRAM) | | **Capacity** | 128Mb / 256Mb (Varies by revision) | | **Voltage (VCC)** | 3.3V (Typical) | | **Interface** | LVTTL Compatible | | **Package Type** | TSOPII (Thin Small Outline Package) or BGA | | **Clock Frequency** | Up to 133MHz / 166MHz | | **CAS Latency** | 2 or 3 | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ## 2. Pinout and Architecture As a synchronous memory device, the M5R84ZQJ-R operates based on a system clock. The architecture is generally divided into four internal banks to allow for interleaved memory access, which reduces latency. ### Key Logic Blocks: * **Control Logic:** Handles commands like `RAS` (Row Address Strobe), `CAS` (Column Address Strobe), and `WE` (Write Enable). * **Bank Architecture:** Allows one bank to be precharged while another is being accessed. * **I/O Gating:** Manages the flow of data bits between the memory array and the DQ pins. --- ## 3. Key Operational Features 1. **Burst Read/Write:** Supports programmable burst lengths (1, 2, 4, 8, or full page). 2. **Auto-Refresh:** Includes internal counters for automatic refreshing of memory cells to prevent data loss. 3. **Low Power Modes:** Features a "Self-Refresh" mode to minimize current draw during system standby. 4. **Byte Control:** DQM (Data Mask) signals allow for byte-level masking during write operations. --- ## 4. Typical Applications Due to its reliability and standard interface, this part is commonly found in: * **Networking Gear:** Routers, switches, and hardware firewalls. * **Industrial Automation:** PLCs (Programmable Logic Controllers) and HMI panels. * **Automotive:** Infotainment units and dashboard clusters. * **Legacy Computing:** Maintenance of older telecommunication infrastructures. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the M5R84ZQJ-R TSOPII package?
    • ⤷ Does this memory part support a 1.8V low-power operation mode?
    • ⤷ What are the timing requirements for the Refresh Cycle (tRFC) on this specific chip?