전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R85RPJ-R

  • AI
    The **M5R85RPJ-R** is a high-performance, single-mode **850nm Vertical-Cavity Surface-Emitting Laser (VCSEL)** diode, typically packaged in a TO-46 can with a monitor photodiode. It is primarily used for high-speed data communications and sensing applications. --- ### 1. Key Technical Specifications The following table summarizes the typical electrical and optical characteristics: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Peak Wavelength** | $\lambda_p$ | 850 | nm | | **Optical Output Power** | $P_o$ | 1.0 - 2.5 | mW | | **Threshold Current** | $I_{th}$ | 0.5 - 1.5 | mA | | **Forward Voltage** | $V_f$ | 1.8 - 2.2 | V | | **Data Rate** | $f$ | Up to 4.25 | Gbps | | **Operating Temp** | $T_{op}$ | -40 to +85 | °C | --- ### 2. Functional Components The "R" suffix often indicates specific revisions or packaging styles (like a built-in microlens or specific lead lengths). The device consists of three main electronic parts: 1. **VCSEL Die:** The semiconductor laser source. Unlike edge-emitting lasers, this emits light perpendicular to the chip surface, allowing for high efficiency and easy coupling to optical fibers. 2. **Monitor Photodiode (MPD):** Integrated into the package to provide feedback on the laser's intensity. This allows the driving circuit to implement **Automatic Power Control (APC)** to compensate for temperature fluctuations and aging. 3. **TO-46 Header:** A metal-can package that provides thermal dissipation and acts as a common ground or electrical interface. --- ### 3. Application Use Cases Due to its high bandwidth and low power consumption, the M5R85RPJ-R is found in: * **Fiber Optics:** SFP/SFP+ transceiver modules for Short Reach (SR) multi-mode fiber links. * **Optical Sensors:** High-resolution proximity sensing and gesture recognition. * **Encoders:** High-speed optical encoders for industrial automation. --- ### 4. Basic Driving Circuit Example To operate this part safely, a constant current driver or an APC circuit is required. **Caution:** Direct connection to a voltage source without current limiting will destroy the VCSEL. ```cpp // Conceptual Logic for APC (Automatic Power Control) // 1. Measure Photodiode Current (Feedback) // 2. Compare against Target Intensity // 3. Adjust VCSEL Bias Current accordingly // 4. Ensure current < Max Rating (usually 7-10mA) ```
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M5R85RPJ-R TO-46 package?
    • ⤷ How does the monitor photodiode help in maintaining laser stability?
    • ⤷ What are the specific eye safety classifications for this 850nm VCSEL?