전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R85TPJ-R

  • AI
    The **M5R85TPJ-R** is a specific electronic component typically identified as a **Resettable Fuse** (Polymeric Positive Temperature Coefficient or PPTC device). These parts are used for overcurrent protection in electronic circuits. --- ### 1. General Specifications The part number follows the naming convention of manufacturers like **Microchip** or specific specialized fuse producers. Below is a breakdown of the typical characteristics for this series: | Feature | Description | | :--- | :--- | | **Component Type** | PPTC (Polymer Positive Temperature Coefficient) | | **Function** | Resettable Fuse / Overcurrent Protection | | **Mounting Type** | Surface Mount (SMD) | | **Package Size** | Typically 0805 or 1206 (depending on the specific series suffix) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ### 2. How it Works Unlike traditional fuses that "blow" and must be replaced, the M5R85TPJ-R acts like a variable resistor: 1. **Normal Operation:** The device has very low resistance, allowing current to flow to the load. 2. **Fault Condition:** If an overcurrent or short circuit occurs, the polymer material heats up rapidly. 3. **Trip State:** The resistance increases by several orders of magnitude, effectively "opening" the circuit and limiting the current to a safe leakage level. 4. **Reset:** Once the fault is removed and the device cools down, it returns to a low-resistance state. --- ### 3. Key Parameters When integrating this part into a circuit, engineers look at these primary values: * **$I_{hold}$ (Hold Current):** The maximum current the device can carry without tripping. * **$I_{trip}$ (Trip Current):** The minimum current at which the device is guaranteed to switch to high resistance. * **$V_{max}$:** The maximum voltage the device can withstand without damage. * **$T_{trip}$:** Time to trip at a specific fault current. --- ### 4. Typical Applications * **USB Port Protection:** Safeguarding ports against shorted peripherals. * **Battery Packs:** Protecting lithium cells from external shorts. * **Motherboards:** Protecting sensitive logic traces from power surges. * **Consumer Electronics:** Providing maintenance-free protection in smartphones or tablets. ---
    ✨ Follow-up Questions
    • ⤷What is the hold current rating for the M5R85TPJ-R?
    • ⤷ How does temperature affect the tripping time of a PPTC fuse?
    • ⤷ What are the advantages of using a resettable fuse over a standard one-time fuse?