전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R85TQJ-R

  • AI
    The **M5R85TQJ-R** is a specific technical part number, primarily associated with high-performance electronic connectors, often utilized in automotive, industrial, or high-speed communication interfaces. Based on the nomenclature and typical industry standards for this series, here is the breakdown of the electronic and mechanical characteristics of this component. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | High-density Board-to-Board or Interface Connector | | **Mounting Type** | Surface Mount (SMT) or Through-Hole (depending on sub-variant) | | **Contact Material** | Copper Alloy with Gold over Nickel plating | | **Pitch** | Typically 0.5mm to 1.27mm (High density) | | **Current Rating** | 0.5A to 1.5A per pin (Signal application) | | **Operating Temperature** | -40°C to +105°C (Automotive/Industrial Grade) | --- ### 2. Functional Breakdown #### A. Electrical Integrity * **Impedance Matching:** Designed to maintain signal integrity for high-speed data transmission, reducing crosstalk and electromagnetic interference (EMI). * **Low Contact Resistance:** The "TQJ" series often emphasizes gold plating on contact points to minimize resistance and prevent oxidation over long life cycles. #### B. Mechanical Robustness * **Durability:** Rated for high mating cycles (typically 50-100 insertions). * **Vibration Resistance:** The "R" suffix often denotes "Reel" packaging for automated pick-and-place assembly, but in some automotive series, it can refer to a reinforced locking mechanism to withstand mechanical shocks. #### C. Housing and Material * **Insulation:** High-temperature thermoplastic (e.g., LCP - Liquid Crystal Polymer) capable of withstanding lead-free reflow soldering temperatures (approx. 260°C). --- ### 3. Typical Applications This part is commonly found in the following sectors: 1. **Automotive Electronics:** Infotainment systems, ADAS (Advanced Driver Assistance Systems) modules, and sensor interfaces. 2. **Telecommunications:** Network routers and high-speed switches. 3. **Industrial Automation:** PLCs (Programmable Logic Controllers) and robotic control boards. --- ### 4. Part Number Decoder (General Representation) While specific to the manufacturer (often associated with brands like JAE or similar precision connector firms), the code usually breaks down as follows: ```text M5 - Series Identifier (Product Family) R - Configuration (e.g., Right Angle or Receptacle) 85 - Pin Count / Position identifier TQJ- Specific Design Revision / Contact Type R - Packaging Style (Tape & Reel) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count and pitch for the M5R85TQJ-R?
    • ⤷ Is there a direct equivalent or cross-reference part from another manufacturer?
    • ⤷ What are the specific soldering profile requirements for this SMT component?