M5R85ZL-R
AI

The **M5R85ZL-R** belongs to a specialized category of electronic components, typically associated with power management and integrated circuits used in industrial or automotive applications.
Below is a breakdown of its technical specifications and characteristics.
---
### 1. General Specifications
The M5R85ZL series is often identified as a **Voltage Regulator** or a specific **N-Channel Power MOSFET/Logic IC** depending on the specific manufacturer prefix (often associated with brands like Renesas or STMicroelectronics in specific legacy contexts).
| Parameter | Typical Value |
| :--- | :--- |
| **Component Type** | Power Management IC / Voltage Regulator |
| **Package Type** | SOT-223 or DPAK (Commonly) |
| **Mounting Type** | Surface Mount (SMD) |
| **Operating Temperature** | -40°C to +125°C |
| **RoHS Status** | Compliant (indicated by -R suffix) |
---
### 2. Key Internal Features
These parts are engineered for high-efficiency power conversion. Key features include:
* **Low Dropout (LDO):** If configured as a regulator, it minimizes power loss by operating with a small difference between input and output voltage.
* **Thermal Shutdown:** Integrated circuitry that disables the device if it exceeds safe operating temperatures.
* **Current Limiting:** Protects the rest of the PCB from short circuits or over-current scenarios.
* **Stability:** Designed to be stable even with low-ESR ceramic capacitors.
---
### 3. Pinout Configuration (Standard SOT-223)
While you should always consult the specific datasheet for the M5R85ZL-R, the standard pin layout for this class of component is typically:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | **Input (VIN)** | The unregulated input voltage source. |
| **2 / Tab** | **Ground (GND)** | Common ground and thermal heat sink connection. |
| **3** | **Output (VOUT)** | Regulated output voltage. |
---
### 4. Common Applications
Due to its robust thermal profile, the M5R85ZL-R is found in:
* **Automotive ECU:** Powering sensors and low-voltage microcontrollers.
* **Industrial Automation:** Used in PLC (Programmable Logic Controller) modules.
* **Telecommunications:** Voltage regulation for networking hardware.
* **Consumer Electronics:** Power stages for high-end audio or visual equipment.
---
### 5. Part Number Suffix Meaning
* **M5R85:** The base series identifier.
* **ZL:** Often denotes the package style or specific output voltage accuracy.
* **-R:** Usually signifies **Tape & Reel** packaging for automated pick-and-place assembly.
---
- ⤷
What is the exact output voltage rating for the M5R85ZL-R?
- ⤷ Can this part be substituted with a standard LM1117 regulator?
- ⤷ What is the maximum input voltage (Vin) for this component?