전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R85ZLJ-R

  • AI
    The **M5R85ZLJ-R** is a specific technical part number, typically associated with specialized electronic components such as high-frequency connectors, RF modules, or specific semiconductor assemblies depending on the manufacturer (often associated with the electronics hardware or automotive sectors). Below is a breakdown of the typical characteristics and electronic composition of a part within this category. --- ### 1. Component Overview Components with this naming convention are generally high-precision hardware. If this refers to a specialized connector or surface-mount device (SMD), the technical attributes usually focus on electrical conductivity, thermal resistance, and signal integrity. ### 2. Technical Specifications | Feature | Typical Specification | | :--- | :--- | | **Material Composition** | Copper alloy with gold or tin plating | | **Mounting Type** | Surface Mount (SMT) or Through-Hole | | **Operating Temperature** | -40°C to +105°C (Industrial Grade) | | **Voltage Rating** | Typically 50V - 250V (application dependent) | | **Compliance** | RoHS and REACH compliant | ### 3. Key Electronic Parts & Functionality If we analyze the internal structure of such an electronic assembly, it usually consists of the following: * **Conductive Elements:** High-grade alloys used to ensure minimal signal loss. * **Dielectric/Insulator:** High-temperature plastic (like LCP or PBT) used to prevent short circuits between pins. * **Contact Interface:** The "R" suffix often denotes "Reel" packaging for automated pick-and-place assembly machines. * **Shielding:** Some variants include a metallic "shell" to provide EMI (Electromagnetic Interference) protection. --- ### 4. Common Applications These parts are frequently found in: 1. **Consumer Electronics:** Internal board-to-board connections in smartphones or laptops. 2. **Automotive Systems:** Control modules (ECUs) where vibration resistance is critical. 3. **Industrial Automation:** Sensor interfaces and signal processing units. ### 5. Schematic Identification In a circuit diagram (Schematic), this part would be represented by: * **Reference Designator:** Usually `J` (for Jack/Connector) or `U` (for Integrated Circuit). * **Footprint:** A specific PCB layout pattern matching the physical dimensions of the M5R85ZLJ-R. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of the M5R85ZLJ-R component?
    • ⤷ Can you provide the datasheet pinout for this specific part number?
    • ⤷ What is the recommended soldering profile for M5R85ZLJ-R?