전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R88TLJ-R

  • AI
    The **M5R88TLJ-R** is a specialized electronic component, typically identified as a **high-precision, low-dropout (LDO) linear voltage regulator** or a specific power management IC (PMIC) often used in automotive or industrial sensory applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The M5R88TLJ-R is designed to provide a stable DC output voltage from a wider range of input voltages while maintaining high efficiency and low noise. It is often favored in circuits where space is limited and heat dissipation must be managed carefully. ### 2. Technical Specifications The following table highlights the typical electrical parameters for this class of component: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 2.5V to 18V (Application dependent) | | **Output Voltage** | Fixed or Adjustable (Commonly 3.3V or 5V variants) | | **Output Current** | 150mA to 500mA | | **Dropout Voltage** | < 300mV @ Full Load | | **Package Type** | SOT-23, SOT-89, or MSOP-8 | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Key Features * **Low Quiescent Current:** Minimizes power consumption when the device is in standby mode, extending battery life in portable electronics. * **Thermal Shutdown:** Built-in protection that turns off the device if the internal temperature exceeds safe limits. * **Short Circuit Protection:** Prevents damage to the IC and the rest of the PCB if the output is accidentally grounded. * **High PSRR:** (Power Supply Rejection Ratio) ensures that ripples from the input power source do not affect the stability of the output voltage. --- ### 4. Pin Configuration (Typical SOT Package) While specific pinouts can vary by manufacturer, a standard LDO configuration for this part usually follows: 1. **VIN:** Input voltage supply. 2. **GND:** Ground reference. 3. **VOUT:** Regulated output voltage. 4. **EN (Enable):** Logic high to turn on the chip, low to enter sleep mode. 5. **ADJ/NC:** Feedback pin for adjustable versions or No Connection. --- ### 5. Application Circuit Example To ensure stability, LDOs require external capacitors. Below is a basic implementation logic: ```c // Schematic Representation [Input Source] ---> (C_in: 1uF) ---> [ VIN Pin ] [ VOUT Pin] ---> (C_out: 2.2uF) ---> [Load] [ GND Pin ] ---> Ground ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal resistance values for the M5R88TLJ-R package?
    • ⤷ Can this part be used in automotive 'load dump' scenarios?
    • ⤷ What is the recommended output capacitor ESR for maximum stability?