전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5R88ZL-R

  • AI
    The **M5R88ZL-R** is a specific electronic component, typically categorized as a surface-mount (SMT) power inductor or a high-current power choke. These components are essential in modern power management circuits for filtering and energy storage. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the general technical parameters: | Feature | Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Composite Iron Powder / Alloy Core | | **Shielding** | Magnetically Shielded (Low EMI) | | **Termination** | Lead-free (RoHS Compliant) | --- ### 2. Functional Characteristics The "M5R88" series is designed to handle high-frequency power conversion with specific physical and electrical traits: * **Low DC Resistance (DCR):** Designed to minimize power loss and heat generation during operation. * **High Saturation Current:** The alloy core allows the inductor to maintain its inductance even when high levels of current pass through it. * **Low Acoustic Noise:** The molded construction reduces mechanical buzzing or "coil whine" often found in cheaper inductors. * **Thermal Stability:** These parts are built to operate reliably in high-temperature environments (often up to 125°C or 155°C). --- ### 3. Common Applications The M5R88ZL-R is primarily used in DC-to-DC conversion circuits. Specific devices include: 1. **Voltage Regulator Modules (VRMs):** Found on motherboards and graphics cards (GPU). 2. **Laptops and Tablets:** Used in high-efficiency power supplies for processors. 3. **LED Drivers:** Providing stable current for lighting systems. 4. **Automotive Electronics:** Used in infotainment systems and ADAS modules due to their ruggedness. --- ### 4. Part Number Breakdown (Typical) While manufacturers vary slightly, the code usually breaks down as follows: * **M5R:** Series identifier (Indicates the physical footprint and material type). * **88:** Dimensions (Usually refers to the width/length, e.g., 8.0mm x 8.0mm). * **ZL:** Inductance value or performance characteristic code. * **-R:** Standard suffix for "RoHS Compliant" or "Tape & Reel" packaging. ---
    ✨ Follow-up Questions
    • ⤷What is the exact inductance value (uH) for the ZL variant?
    • ⤷ Which manufacturers produce the M5R series inductors?
    • ⤷ How does an alloy core inductor compare to a traditional ferrite core?