전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5RJ15EQJ-R

  • AI
    The part number **M5RJ15EQJ-R** refers to a high-precision, surface-mount (SMD) metal film resistor typically manufactured by companies like **Susumu** (though often rebranded or part of specialized series). These components are critical in circuits requiring extreme stability and low noise. --- ### 1. Part Number Breakdown (Typical Naming Convention) While naming conventions can vary slightly by manufacturer, here is the technical breakdown for this series: | Segment | Meaning | Technical Specification | | :--- | :--- | :--- | | **M5** | Case Size | 0805 Imperial (2012 Metric) | | **RJ** | Product Series | High-precision Metal Film Resistor | | **15E** | Resistance Value | 15 Ohms (E indicates decimal or multiplier) | | **Q** | Tolerance | ±0.02% (Ultra-tight precision) | | **J** | Temp. Coefficient (TCR) | ±5 ppm/°C (Very high thermal stability) | | **-R** | Packaging | Tape & Reel | --- ### 2. Key Electronic Characteristics High-precision resistors like the M5RJ series are engineered for performance beyond standard "thick film" resistors found in consumer electronics. #### A. Temperature Coefficient of Resistance (TCR) The **±5 ppm/°C** rating means that for every degree Celsius change in temperature, the resistance value changes by only 5 parts per million. This is essential for equipment used in varying environmental conditions. #### B. Tolerance A **±0.02%** tolerance is significantly more precise than the standard 1% or 5% resistors. This ensures that the actual resistance is almost exactly 15 Ohms, reducing the need for manual calibration in analog circuits. #### C. Noise Performance Metal film resistors have much lower "Current Noise" and "1/f noise" compared to thick film resistors. This makes them ideal for audio pre-amplifiers and high-resolution Data Converters (ADC/DAC). --- ### 3. Common Applications Due to the high cost and high precision of this part, it is typically used in: * **Medical Instrumentation:** Precision imaging and monitoring tools. * **Test and Measurement:** Multimeters, oscilloscopes, and laboratory power supplies. * **Aerospace & Defense:** Guidance systems and telemetric sensors. * **Industrial Controls:** High-accuracy bridge circuits and weighing scales. --- ### 4. Comparison Table: Metal Film vs. Thick Film | Feature | M5RJ Series (Metal Film) | Standard Thick Film | | :--- | :--- | :--- | | **Precision** | Very High (up to 0.01%) | Moderate (1% - 5%) | | **Stability** | Excellent (Low Drift) | Fair (High Drift) | | **Cost** | High | Very Low | | **Noise** | Extremely Low | Moderate |
    ✨ Follow-up Questions
    • ⤷ What are the soldering requirements for SMD 0805 precision resistors?
    • ⤷ How does TCR affect the performance of an analog-to-digital converter?
    • ⤷ Are there alternative brands that offer similar ±5 ppm/°C specifications?