전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5RJ16EQJ-R

  • AI
    Based on the part number provided, the **M5RJ16EQJ-R** appears to be a specialized passive electronic component, typically identified as a **high-precision thin-film resistor** or a **network resistor** (depending on the specific manufacturer series, though the "RJ" prefix often denotes Resistor/Jumper characteristics). Below is a breakdown of the component's typical characteristics and technical specifications. --- ## 1. Component Identification | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Resistor / Thin Film Chip Resistor | | **Common Application** | Precision circuits, telecommunications, and automotive electronics. | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Lead Status** | RoHS Compliant / Lead-Free | --- ## 2. Technical Specifications (General Expectations) While exact parameters can vary by manufacturer (such as Susumu or KOA Speer), the nomenclature generally follows this logic: ### Electrical Properties * **Resistance Stability:** Thin-film technology provides excellent stability against environmental factors (moisture, heat). * **Tolerance:** Typically ranges from **±0.1% to ±0.5%**, making it suitable for precision signal processing. * **Power Rating:** Usually falls between **0.063W (1/16W)** and **0.1W**, depending on the physical package size. * **Temperature Coefficient (TCR):** Low TCR (often < 25ppm/°C) to ensure resistance doesn't drift with temperature changes. ### Physical Characteristics * **Package Size:** Often corresponds to standard EIA sizes like **0402 or 0603**. * **Terminations:** Matte Tin over Nickel barrier to prevent "leaching" during soldering. --- ## 3. Part Number Breakdown (Typical) | Code Segment | Potential Meaning | | :--- | :--- | | **M5** | Series designation (often related to power or size) | | **RJ** | Resistor/Jumper type or specific material composition | | **16** | Size code (EIA 0603 or similar metric equivalent) | | **EQJ** | Performance characteristic/Tolerance/TCR code | | **-R** | Packaging suffix (usually indicates **Tape & Reel**) | --- ## 4. Key Advantages 1. **Low Noise:** Thin film resistors have lower thermal noise compared to thick film types. 2. **High Reliability:** Designed to withstand high-stress environments. 3. **Precision:** Essential for voltage dividers and operational amplifier feedback loops. ---
    ✨ Follow-up Questions
    • ⤷Who is the primary manufacturer of the M5RJ series?
    • ⤷ What is the specific resistance value for the EQJ suffix?
    • ⤷ Can this part be used in automotive AEC-Q200 applications?