전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5RJ63UPJ-R

  • AI
    The part number **M5RJ63UPJ-R** refers to a high-frequency, high-precision surface mount (SMD) resistor, typically manufactured by **KOA Speer** or similar specialty component manufacturers. These are often used in RF (Radio Frequency) and automotive applications where stability is critical. --- ### 1. Technical Specifications Below are the typical technical characteristics associated with this specific series of resistors: | Parameter | Specification | |:---|:---| | **Component Type** | Precision Metal Film / Thin Film Resistor | | **Package / Case** | 0603 (Inch) / 1608 (Metric) | | **Resistance Tolerance** | ±0.1% (High Precision) | | **Temperature Coefficient (TCR)** | ±25 ppm/°C or better | | **Power Rating** | 0.1W (1/10W) | | **Operating Temperature** | -55°C to +155°C | --- ### 2. Key Features and Construction The "RJ" series parts are designed for reliability in harsh environments. * **Thin Film Technology:** Utilizes a thin layer of resistive material (usually Nichrome) sputtered onto a ceramic substrate. This provides much lower noise and better stability than standard thick film resistors. * **AEC-Q200 Compliance:** Most parts in this series are automotive-grade, meaning they have passed rigorous stress testing for vibration, thermal shock, and moisture resistance. * **Anti-Sulfuration:** These parts often feature internal coatings to prevent corrosion in sulfur-rich environments (common in industrial and automotive exhaust areas). --- ### 3. Application Areas Because of the high precision and thermal stability, these parts are used in the following circuits: 1. **Automotive ECUs:** Engine control units and sensor interfaces where accuracy is non-negotiable. 2. **Medical Equipment:** High-precision measurement devices (e.g., heart rate monitors, imaging). 3. **Communication Base Stations:** RF signal conditioning and power management circuits. 4. **Test and Measurement:** Used in multimeters and oscilloscopes as voltage dividers. --- ### 4. Part Number Breakdown (Typical) While internal manufacturer codes vary, the suffix and prefix usually indicate: * **M5:** Series identifier (Metal Film / High Reliability). * **RJ:** Resistor type/Resistive material. * **63:** Size code (0603). * **U/P:** Tolerance and Temperature Coefficient markers. * **-R:** Taping and Reel packaging (7-inch reel). ---
    ✨ Follow-up Questions
    • ⤷What is the exact resistance value of the M5RJ63UPJ-R?
    • ⤷ How does thin film technology differ from thick film in terms of performance?
    • ⤷ Are there equivalent alternatives from other manufacturers like Vishay or Yageo?