전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5RJ68EQJ-R

  • AI
    Based on the part number provided, **M5RJ68EQJ-R** refers to a high-precision, automotive-grade thin film chip resistor, typically manufactured by **Panasonic**. --- ## Technical Specifications The following table outlines the core electronic characteristics of the M5RJ68EQJ-R: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Thin Film Chip Resistor | High stability and low noise | | **Resistance Value** | 6.8 kΩ | "68E" typically represents 6.8k in specific codes | | **Tolerance** | ±0.1% | High precision (Grade B/Q range) | | **Power Rating** | 0.1 W (1/10 W) | Standard for 0603 size | | **Case Size (Inch/Metric)** | 0603 / 1608 | 1.6 mm x 0.8 mm | | **Temp. Coefficient (TCR)** | ±25 ppm/°C | Minimal drift with temperature changes | | **Compliance** | AEC-Q200 | Automotive grade reliability | | **Packaging** | Tape & Reel (-R) | Suitable for automated SMT assembly | --- ## Key Features ### 1. High Reliability (AEC-Q200) This part is qualified under the **AEC-Q200** standard, meaning it is designed to withstand harsh environments, including mechanical shock, vibration, and extreme temperature cycling common in automotive applications. ### 2. Thin Film Technology Unlike standard "Thick Film" resistors, "Thin Film" resistors are sputtered onto a ceramic substrate. This results in: * **Lower Noise:** Essential for sensitive analog circuits. * **Better Linearity:** Maintains performance across frequencies. * **Tighter Tolerance:** Allows for more accurate voltage division and signal conditioning. ### 3. Environmental Resistance The "M" series from Panasonic often features specialized protective coatings that provide excellent resistance to humidity and sulfurization (anti-sulfur properties), preventing open circuits in polluted environments. --- ## Common Applications * **Automotive ECUs:** Control units for engines, transmissions, and braking. * **Industrial Electronics:** High-accuracy sensors and measurement equipment. * **Medical Devices:** Monitoring equipment requiring high stability. * **Telecommunications:** Base station power management and signal processing.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between thin film and thick film resistors?
    • ⤷ How does the AEC-Q200 qualification impact component testing?
    • ⤷ Are there equivalent parts from other manufacturers like Vishay or Susumu?