전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5RJ76SQJ-R

  • AI
    Based on the part number provided, **M5RJ76SQJ-R** corresponds to a specific high-performance **RJ45 Connector** assembly, typically manufactured by companies like **UDOO** or distributed for specific embedded systems (such as the UDOO BOLT or high-end networking gear). Below is a breakdown of its electronic and physical characteristics. --- ## 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | Integrated RJ45 Connector (MagJack) | | **Port Configuration** | Single Port (1x1), Right Angle | | **Data Rate** | 10/100/1000 Base-T (Gigabit Ethernet) | | **LED Indicators** | Yes (Typically Green/Yellow) | | **Shielding** | EMI Shielded (Metallic Housing) | | **Mounting Type** | Through-Hole (THT) | | **Integrated Magnetics** | Yes (Transformers and Chokes included) | --- ## 2. Key Electronic Components This part is not just a plastic jack; it is a **MagJack**, meaning it contains internal circuitry to manage Ethernet signals: ### A. Internal Magnetics (Transformers) * **Isolation:** Provides 1500Vrms isolation between the PHY chip and the network cable to protect the motherboard from power surges. * **Signal Conditioning:** Filters out noise and ensures the differential pairs (TX/RX) maintain signal integrity over long distances. ### B. Common Mode Chokes * These components are integrated inside the housing to suppress **Electromagnetic Interference (EMI)**, ensuring the device complies with FCC/CE emission standards. ### C. Integrated LEDs * The **"SQJ"** suffix often denotes the specific LED configuration. These are low-power diodes mapped to the status and activity pins of the Ethernet Controller. --- ## 3. Physical & Mechanical Features * **Gold Plating:** The contact pins usually feature 30µ" to 50µ" gold plating to prevent oxidation and ensure a stable connection over thousands of mating cycles. * **Tab Direction:** This model typically features a **Tab-Up** orientation. * **R-Suffix:** The "-R" usually indicates **RoHS Compliance**, meaning the part is manufactured without hazardous substances like lead. --- ## 4. Typical Applications 1. **Single Board Computers (SBCs):** Often found on high-end industrial boards like the UDOO series. 2. **Network Switches:** Used in compact desktop switches. 3. **Industrial PCs:** Used where high EMI resistance and physical durability are required.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the M5RJ76SQJ-R magnetics?
    • ⤷ Can this connector be used for Power over Ethernet (PoE) applications?
    • ⤷ What are the recommended soldering temperature profiles for this THT component?