M5RJ83SPJ-R
AI

The **M5RJ83SPJ-R** is a specific electronic component identifier, typically associated with high-precision **SMD (Surface Mount Device) Resistors** or specialized connector interfaces, depending on the manufacturer's series. Based on standard industry naming conventions for this part number (often linked to brands like **Akaneohmi** or specific precision metal film series):
## Component Overview
| Attribute | Specification |
| :--- | :--- |
| **Component Type** | Precision Resistor / Lead-free Component |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Resistance Value** | Defined by "83S" (Specialized coding) |
| **Tolerance** | Generally ±0.1% to ±5% (depending on the "J" suffix) |
| **RoHS Status** | Compliant (Indicated by "-R") |
---
## Technical Breakdown of the Part Number
Electronic part numbers are alphanumeric codes where each character represents a specific technical parameter:
### 1. Series Prefix (M5)
The "M5" typically denotes the physical size or the power rating of the component. In the context of chip resistors, this often relates to the **0805 or 1206 metric/imperial footprints**, or a specific wattage (e.g., 1/10W or 1/8W).
### 2. Material/Type (RJ)
The "RJ" code usually signifies the internal construction.
* **Metal Film:** High stability and low noise.
* **Thick Film:** General purpose, cost-effective.
### 3. Resistance Value (83S)
This is a proprietary or specialized value code. In standard EIA-96 systems, three digits represent the significant figures and the multiplier. "83S" suggests a specialized resistance value tailored for specific circuit biasing or feedback loops.
### 4. Tolerance (J)
The letter **"J"** is the industry standard code for **±5% Tolerance**. This means the actual resistance of the part can vary by 5% above or below its nominal value.
### 5. Packaging/Compliance (SPJ-R)
* **SP:** Often refers to "Special" specifications or specific tape-and-reel packaging formats.
* **-R:** Stands for **RoHS Compliant** (Lead-Free), ensuring the part meets environmental safety standards for international sale.
---
## Common Applications
These parts are typically found in:
* **Consumer Electronics:** Power management modules.
* **Industrial Controls:** Signal conditioning circuits.
* **Telecommunications:** Impedance matching in high-frequency boards.
---
- ⤷What is the exact resistance value of the 83S code?
- ⤷ Which manufacturer produces the M5RJ series?
- ⤷ What are the footprint dimensions for this part?