전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5RJ83UPJ-R

  • AI
    The part number **M5RJ83UPJ-R** corresponds to a specific electronic component, typically classified as a **Resistor Network** or a specialized **Thick Film Chip Resistor**. These components are widely used in high-density electronic circuits where space-saving and precision are critical. Below is a breakdown of its technical characteristics and functions. --- ### 1. Technical Specifications The following table outlines the general technical profile for this type of component: | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Thick Film Chip Resistor / Network | | **Resistance Value** | Defined by part code (often 8.3Ω or similar based on series) | | **Tolerance** | ±1% or ±5% (standard for R-series) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Temp** | -55°C to +125°C or +150°C | --- ### 2. Key Features * **High Density:** Designed to replace multiple discrete resistors with a single package, reducing the overall footprint on the Printed Circuit Board (PCB). * **Reliability:** Thick film technology provides excellent stability against environmental factors like humidity and thermal shock. * **Automated Assembly:** The "-R" suffix indicates it is supplied in a reel format, making it compatible with high-speed "Pick and Place" machines. --- ### 3. Part Number Decoding (General Logic) While naming conventions vary by manufacturer (such as ROHM or Panasonic), the code generally breaks down as follows: 1. **M5:** Often refers to the physical size or series (e.g., 0402 or 0603 equivalent arrays). 2. **RJ:** Indicates the resistor type (High precision or specific temperature coefficient). 3. **83U:** Represents the nominal resistance value or a internal manufacturer code for electrical characteristics. 4. **PJ:** Relates to the tolerance and temperature coefficient of resistance (TCR). 5. **-R:** Standard industry notation for **Reel Packaging**. --- ### 4. Common Applications * **Digital Logic:** Pull-up or pull-down resistors for microprocessors. * **Communication:** Impedance matching in high-speed data lines. * **Consumer Electronics:** Used in smartphones, tablets, and laptops to manage power distribution in tight spaces. ---
    ✨ Follow-up Questions
    • ⤷What is the exact resistance value of the M5RJ83UPJ-R?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ Can you provide a pinout diagram for this resistor network?