전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5RS-36-R

  • AI
    The **M5RS-36-R** is a specific model of an **M5 Series Linear Actuator** (often associated with brands like Thomson or similar motion control manufacturers). These devices convert electrical energy into precise linear motion. --- ### 1. Key Technical Specifications The "M5RS-36-R" alphanumeric code typically breaks down into specific electronic and mechanical parameters: | Feature | Description | | :--- | :--- | | **Motor Type** | NEMA 17 or 23 Stepper Motor (typically) | | **Input Voltage** | Varies by driver (usually 12V - 48V DC) | | **Travel Length** | Often indicated by the "36" (36 inches or 360mm depending on unit system) | | **Screw Type** | "RS" usually denotes a **Rolled Screw** or Lead Screw assembly | | **Feedback** | Open-loop (standard) or Closed-loop (if "R" denotes a specific encoder/resolver) | --- ### 2. Core Electronic Components The functionality of the M5RS-36-R relies on three main electronic pillars: #### A. The Stepper Motor The "heart" of the unit. It consists of: * **Stator Windings:** Copper coils that create magnetic fields when energized. * **Rotor:** A permanent magnet attached to the lead screw. * **Phases:** Typically a 2-phase bipolar configuration requiring a constant current driver. #### B. The Integrated/External Driver To move the actuator, you need an Electronic Speed Controller or Stepper Driver. * **Pulse/Direction Interface:** Receives signals from a microcontroller. * **Micro-stepping:** The electronics can divide a single 1.8° step into 256 micro-steps for smoother motion and higher resolution. #### C. Connectivity and Sensors * **Wiring:** Usually a 4-pin or 6-pin connector for the motor phases. * **Limit Switches (Optional):** These prevent the actuator from over-traveling and damaging the mechanical components. * **Encoder (The "R" Suffix):** In many naming conventions, "R" refers to a **Rotary Encoder**. This electronic part tracks the exact position of the screw to ensure no steps are lost during high-load operations. --- ### 3. Wiring Logic (Standard Bipolar) If you are interfacing this with a controller (like an Arduino or PLC), the internal electronics are typically wired as follows: ```cpp // Example: Basic Arduino control logic for a Linear Actuator const int stepPin = 3; const int dirPin = 4; void setup() { pinMode(stepPin, OUTPUT); pinMode(dirPin, OUTPUT); } void loop() { digitalWrite(dirPin, HIGH); // Set direction "forward" for(int x = 0; x < 200; x++) { digitalWrite(stepPin, HIGH); delayMicroseconds(500); digitalWrite(stepPin, LOW); delayMicroseconds(500); } } ``` --- ### 4. Typical Applications Because of its precise electronic control, the M5RS-36-R is used in: * **3D Printers & CNC Machines:** For Z-axis or long-axis movement. * **Automated Lab Equipment:** Precise fluid dispensing or sample positioning. * **Industrial Gates:** Controlled opening/closing with obstacle detection.
    ✨ Follow-up Questions
    • ⤷ What is the maximum load capacity for the M5RS-36-R?
    • ⤷How do I wire the 'R' suffix encoder to a standard PLC?
    • ⤷What is the difference between the RS (Rolled Screw) and BS (Ball Screw) electronic efficiency?