전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5TS-14W-R

  • AI
    The **M5TS-14W-R** is a high-performance, industrial-grade thermal sensor module, typically utilized in non-contact temperature measurement applications. It is part of the MEMS (Micro-Electro-Mechanical Systems) thermopile sensor family. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Sensor Type** | MEMS Thermopile | | **Object Temp Range** | -40°C to +300°C (typical) | | **Operating Voltage** | 3.0V to 5.5V | | **Interface** | Digital (I2C) | | **Field of View (FOV)** | ~14 Degrees | | **Accuracy** | ±2°C or ±2% (depending on conditions) | --- ### 2. Core Electronic Components The module is more than just a raw sensor; it is an integrated system consisting of several critical electronic parts: #### A. MEMS Thermopile Element The "heart" of the device. It consists of multiple thermocouples connected in series. When infrared radiation hits the surface, it creates a tiny voltage (Seebeck effect) proportional to the temperature difference between the sensor and the object. #### B. Signal Conditioning ASIC Because the voltage generated by a thermopile is in the microvolt range, the module includes an **Application-Specific Integrated Circuit (ASIC)**. This chip performs: * **Amplification:** Boosting the weak analog signal. * **ADC (Analog-to-Digital Converter):** Converting the signal into digital data. * **Calibration:** Applying factory-set constants to ensure accuracy. #### C. Internal Thermistor (Reference) To calculate the absolute temperature of an object, the sensor must know its own temperature (ambient). An internal high-precision thermistor provides this reference point, allowing the ASIC to perform "Cold Junction Compensation." #### D. Optical Filter A silicon lens or filter is placed over the MEMS element. This filter is designed to only allow specific infrared wavelengths (typically 5.5µm to 14µm) to pass through, blocking visible light and noise. --- ### 3. Connection and Pinout The M5TS-14W-R usually follows a standard digital pinout for easy integration with microcontrollers like Arduino, ESP32, or STM32: ```cpp // Example: Basic I2C Initialization Logic #include void setup() { Wire.begin(); // Initialize I2C Communication Serial.begin(9600); } void loop() { // 1. Send read command to M5TS address // 2. Receive 2-4 bytes of data // 3. Convert raw bits to Celsius } ``` --- ### 4. Typical Applications * **Industrial Maintenance:** Monitoring heat on conveyor belts or rotating machinery. * **Medical Equipment:** Non-contact forehead or ear thermometers. * **Smart Home:** Microwave ovens or HVAC systems to detect human presence or food temperature. * **Automotive:** Monitoring cabin temperature or engine component heat.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the temperature from the raw I2C data of the M5TS?
    • ⤷ What is the difference between the 14W and other FOV versions of this sensor?
    • ⤷ What are the power consumption levels during sleep mode for this module?