전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5TS-1A-R

  • AI
    The **M5TS-1A-R** is a specific electronic component, primarily recognized as a **Thermal Switch (Thermal Protector)** manufactured by companies like Mersen or specialized thermal control producers. It is designed to protect circuits from overheating. --- ### 1. Technical Specifications The "M5TS" series is characterized by its compact size and high reliability in sensing temperature changes. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Bimetallic Thermal Switch | | **Contact Form** | SPST (Single Pole, Single Throw) | | **State** | Normally Open (1A) / Normally Closed (depending on suffix) | | **Max Voltage** | 125V AC / 250V AC | | **Max Current** | 1A to 3A (Model dependent) | | **Operating Temp** | Fixed set point (Specific to the "R" variant) | --- ### 2. Key Components & Construction The M5TS-1A-R operates using a mechanical thermal mechanism rather than digital logic: * **Bimetallic Disc:** The core element. It consists of two bonded metals with different expansion coefficients. When the threshold temperature is reached, the disc snaps into a different shape. * **Actuator Pin:** Transfers the mechanical movement of the disc to the electrical contacts. * **Contacts:** Silver alloy contacts that open or close the circuit. * **Housing:** Typically high-temperature resistant ceramic or PPS (Polyphenylene Sulfide) plastic to withstand the heat it is monitoring. --- ### 3. Functional Behavior The suffix **-1A-R** usually denotes the logic and reset behavior: 1. **"1A" (Contact Arrangement):** Generally refers to a "Form A" contact, which is **Normally Open (NO)**. It closes the circuit when the temperature rises above the limit. 2. **"R" (Reset Function):** Indicates the device is **Automatic Reset**. Once the temperature drops back down to a "differential" level (e.g., 10°C below the trip point), the bimetal snaps back, and the switch returns to its original state. --- ### 4. Common Applications * **Overheat Protection:** Used in small motors to prevent windings from burning out. * **Power Supplies:** Acts as a safety trigger to turn on a cooling fan when the heatsink reaches a specific temperature. * **Consumer Electronics:** Found in coffee makers, hair dryers, or battery chargers as a secondary safety layer. --- ### 5. Wiring Diagram Logic ```mermaid graph LR A[Power Source] --> B{M5TS-1A-R} B -- Closed at High Temp --> C[Cooling Fan / Alarm] B -- Open at Low Temp --> D[System Idle] ```
    ✨ Follow-up Questions
    • ⤷ What is the specific trip temperature for the 'R' variant of this switch?
    • ⤷ Can this component be used in DC circuits
    • ⤷ and what are the limitations?
    • ⤷ How does the 'Normally Open' version differ in application from the 'Normally Closed' version?