전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5TS-41-R

  • AI
    The **M5TS-41-R** is a high-performance, non-contact infrared (IR) temperature sensor module designed for precision industrial and commercial applications. It is often utilized in medical devices, HVAC systems, and industrial monitoring. --- ## 1. Technical Specifications Below are the primary electronic characteristics of the M5TS-41-R: | Parameter | Specification | | :--- | :--- | | **Supply Voltage (Vcc)** | 3.0V to 5.5V DC | | **Current Consumption** | ~5mA (Operating) | | **Target Temp Range** | -40°C to +380°C | | **Ambient Temp Range** | -40°C to +85°C | | **Accuracy** | ±0.5°C (within medical range 35°C–42°C) | | **Interface** | I2C (Inter-Integrated Circuit) | | **Optical Resolution** | 1:1 or 1:2 (Distance to Spot ratio) | --- ## 2. Key Internal Components The module is composed of several critical electronic stages: ### A. Thermopile Detector The heart of the device is a **Thermopile sensor**. It consists of multiple thermocouples connected in series. When infrared radiation hits the active area, it creates a tiny voltage (Seebeck effect) proportional to the temperature difference between the object and the sensor. ### B. Signal Conditioning (ASIC) Because the voltage produced by the thermopile is in the microvolt range, the M5TS-41-R includes an **Application-Specific Integrated Circuit (ASIC)**. This chip performs: * **Amplification:** Boosting the weak analog signal. * **ADC (Analog-to-Digital Conversion):** Converting the analog voltage into a 16-bit or 17-bit digital value. * **DSP (Digital Signal Processing):** Applying factory-calibrated algorithms to compensate for ambient temperature changes. ### C. EEPROM The module contains internal non-volatile memory (**EEPROM**) that stores calibration constants and configuration parameters unique to that specific sensor unit. --- ## 3. Communication Interface The sensor communicates with a host microcontroller (like an Arduino, ESP32, or STM32) via the **I2C protocol**. ```cpp // Example: Pseudo-code for reading data via I2C #define SENSOR_ADDR 0x5A // Common default address void setup() { Wire.begin(); Serial.begin(9600); } void loop() { uint16_t rawData = readSensor(SENSOR_ADDR, 0x07); // Read object temp register float celsius = (rawData * 0.02) - 273.15; // Convert Kelvin to Celsius Serial.println(celsius); delay(500); } ``` --- ## 4. Hardware Pinout The sensor typically features a 4-pin interface: 1. **VDD:** Power Supply (3.3V/5V). 2. **GND:** Ground. 3. **SCL:** I2C Serial Clock line (requires pull-up resistor). 4. **SDA:** I2C Serial Data line (requires pull-up resistor).
    ✨ Follow-up Questions
    • ⤷ What is the maximum distance for accurate temperature measurement with this sensor?
    • ⤷ How do I change the default I2C address for multiple sensor configurations?
    • ⤷ What are the specific pull-up resistor values recommended for the SCL and SDA lines?