전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5TS-41W-R/BN

  • AI
    The **M5TS-41W-R/BN** is a specific model of an **Industrial Temperature Controller/Digital Thermostat**, commonly used in HVAC, refrigeration, and industrial processing. It is designed for precision monitoring and switching based on thermal inputs. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Model Series** | M5TS (Digital Temperature Controller) | | **Input Type** | NTC Thermistor (10K @ 25°C) | | **Control Mode** | ON/OFF Control | | **Relay Output** | 1 SPDT (Single Pole Double Throw) | | **Contact Rating** | Usually 5A to 10A at 250VAC | | **Display** | 3-Digit LED (Red/Green options) | | **Power Supply** | 100-240VAC or 12-24VDC (varies by suffix) | --- ### 2. Internal Electronic Components The device consists of several critical electronic sub-systems that allow it to function: #### A. The Microcontroller (MCU) The "brain" of the unit. It converts the analog signal from the temperature sensor into a digital value using an **Analog-to-Digital Converter (ADC)**. It then compares this value against the user-defined setpoint to determine if the relay should be triggered. #### B. Power Supply Circuit Most versions use a **Switching Mode Power Supply (SMPS)** or a capacitive dropper to step down the mains voltage (110V/220V) to low-voltage DC (5V or 12V) to power the internal logic and the relay coil. #### C. Relay Output (Electromechanical) This is the "switch" part of the device. When the setpoint is reached: - An internal transistor drives the **Relay Coil**. - The physical contacts snap shut (or open), allowing you to control high-power loads like compressors, heaters, or fans. #### D. Input Filtering Since industrial environments are electrically "noisy," the input pins for the NTC sensor contain **RC filters** (resistors and capacitors) to prevent erratic temperature readings caused by Electromagnetic Interference (EMI). --- ### 3. Wiring Configuration The back of the M5TS-41W-R/BN typically features a screw terminal block categorized as follows: 1. **Power Terminals:** Connection for the AC or DC power source. 2. **Sensor Terminals:** Connection for the NTC probe (polarity usually does not matter for NTC). 3. **Output Terminals:** * **COM (Common)** * **NO (Normally Open)** - Closes when heating/cooling is needed. * **NC (Normally Closed)** - Opens when heating/cooling is needed. --- ### 4. Comparison of Suffix Meanings * **W:** Wide range or specific waterproof rating (depending on regional catalog). * **R:** Relay output type. * **BN:** Specific branding or case color (Black/Navy) and mounting style. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the relay contacts in the M5TS-41W-R/BN?
    • ⤷How do I calibrate the temperature offset if the sensor reading is inaccurate?
    • ⤷Can this controller be used for both heating and cooling modes?