전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5TS-71-R

  • AI
    The **M5TS-71-R** is a specific electronic component within the sensor and relay family, typically manufactured by **Omron**. It is primarily categorized as a **Vibration Sensor** or **Tilt Sensor** module designed for safety and orientation detection. --- ### ## Technical Specifications The following table highlights the core electrical and physical characteristics of the M5TS-71-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | Vibration / Tilt Sensor | | **Detection Angle** | Operating Angle: 30° to 60° | | **Contact Type** | SPST (Single Pole Single Throw) | | **Rated Voltage** | 5V DC to 24V DC | | **Rated Current** | 0.1mA to 100mA | | **Mounting Type** | PCB Through-hole | | **Operating Temp** | -25°C to +70°C | --- ### ## Key Electronic Features #### 1. Internal Mechanism The M5TS series typically utilizes a **mechanical ball-rolling mechanism**. When the device tilts beyond a specific degree (the "operating angle"), an internal conductive ball moves to bridge or break an electrical connection. #### 2. Signal Stability Because the internal ball can "bounce" during movement, the electronic output is often erratic during the transition state. In professional circuit designs, this component usually requires: * **A Pull-up/Pull-down Resistor:** To ensure a defined logic state (High or Low). * **Debouncing Circuitry:** Either via a capacitor or a software delay in a microcontroller to prevent false triggers from minor vibrations. #### 3. Reliability and Orientation * **Gold-plated Contacts:** These are often used to ensure low contact resistance and prevent oxidation, which is critical for low-current signal switching. * **Directional Sensitivity:** The "R" suffix often denotes specific orientation or packaging requirements (like Radial taping for automated insertion). --- ### ## Typical Applications The M5TS-71-R is used in devices where safety shut-off or orientation sensing is required: * **Space Heaters:** To automatically turn off the power if the unit is knocked over (Anti-tip protection). * **Alarms:** Detection of movement or tampering in security devices. * **Vending Machines:** To detect tilting or shaking (Vandalism protection). * **Consumer Electronics:** Screen rotation or power-saving modes when a device is laid flat. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the M5TS-71-R and a standard MEMS accelerometer?
    • ⤷ How do you implement a debouncing circuit for this tilt sensor?
    • ⤷ Can this sensor be used for high-current AC switching?