전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5TS-N5W-R

  • AI
    The **M5TS-N5W-R** is a specific model within the **M5TS Series** of digital temperature indicators/controllers manufactured by **OMRON**. This device is designed for high-precision temperature monitoring and is commonly used in industrial automation to display or control thermal processes. --- ### 1. Key Technical Specifications The "M5TS-N5W-R" nomenclature defines its specific hardware configuration: | Feature | Specification | | :--- | :--- | | **Input Type** | Thermocouple (Multiple types supported) | | **Supply Voltage** | 100 to 240 VAC (50/60 Hz) | | **Output Type** | Relay Output (SPDT) | | **Display** | 3.5-digit LED (High visibility red) | | **Mounting** | Panel mount (standard DIN size) | | **Sampling Period** | 500 ms | --- ### 2. Electronic Components and Hardware Design The internal circuitry of the M5TS-N5W-R consists of several critical electronic stages: #### A. Input Conditioning Circuit * **A/D Converter:** Converts the analog millivolt signal from the thermocouple into a digital signal. * **Cold Junction Compensation (CJC):** An internal thermistor measures the temperature at the terminal block to compensate for the ambient temperature, ensuring accurate thermocouple readings. * **Burnout Detection:** High-impedance circuitry detects if the sensor wire is broken (causing the display to flash or show an error). #### B. Control Logic (Microcontroller) * **MCU:** A specialized 8-bit or 16-bit microcontroller processes the digital signal, applies scaling factors, and compares the "Process Value" (PV) against the "Set Value" (SV). * **EEPROM:** Non-volatile memory stores configuration settings so they are not lost during power failures. #### C. Output Section * **Electromechanical Relay:** The "R" in the model name indicates a relay output. This is typically an SPDT (Single Pole Double Throw) relay rated for 3A at 250VAC. * **Isolation:** Optical or magnetic isolation is used to protect the low-voltage logic circuits from high-voltage surges on the output line. --- ### 3. Wiring and Terminal Layout The back of the unit features a terminal block for electronic interfacing: 1. **Power Supply (Terminals 1-2):** Connects to the AC mains. 2. **Input (Terminals 4-6):** Where the thermocouple leads are connected. Polarity is critical (Positive/Negative). 3. **Relay Output (Terminals 7-9):** Used to trigger an external heater contactor or an alarm siren. --- ### 4. Primary Use Cases * **Plastic Extrusion:** Monitoring barrel temperatures. * **Oven Control:** Simple On/Off control for industrial baking or drying. * **Panel Monitoring:** Providing a clear visual readout of remote temperatures in a control room.
    ✨ Follow-up Questions
    • ⤷ What are the compatible thermocouple types for the M5TS-N5W-R?
    • ⤷ How do you calibrate the temperature offset on this OMRON model?
    • ⤷ What is the difference between the Relay (R) and SSR drive (S) versions of this series?