전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5VF2-46-R

  • AI
    The **M5VF2-46-R** is a high-performance, variable displacement axial piston motor designed primarily for mobile and industrial hydraulic applications. It is part of the M5 series developed by manufacturers like **Kawasaki** (and distributed via various global partners). While primarily a mechanical-hydraulic component, its "Electronic Parts" refer to the **control system interface** that allows a computer or PLC to modulate the motor's performance. --- ### 1. Electronic Control Components The "Electronic" side of this motor typically involves the **Proportional Control System**, which manages the displacement (swash plate angle). | Component | Function | Description | | :--- | :--- | :--- | | **Proportional Solenoid** | Signal Conversion | Converts electrical current (usually 0-600mA or 0-1000mA) into a mechanical force to shift the control spool. | | **Speed Sensor** | Monitoring | A magnetic pickup or Hall Effect sensor that tracks the RPM of the output shaft for closed-loop control. | | **Pressure Transducer** | Feedback | (Optional/System level) Monitors the load pressure to allow the electronic controller to adjust displacement for constant power. | --- ### 2. Key Technical Specifications The "46" in the part number typically refers to the maximum displacement (46 cm³/rev). | Parameter | Value (Typical) | | :--- | :--- | | **Max Displacement** | 46 cm³/rev | | **Rated Pressure** | 34.3 MPa (350 bar) | | **Max Pressure** | 39.2 MPa (400 bar) | | **Control Voltage** | 12V DC or 24V DC (Model dependent) | | **Connector Type** | Usually Deutsch (DT04) or DIN 43650 | --- ### 3. Electronic Control Logic The motor operates using two primary electronic control modes: #### A. Two-Position Control (Electrical) * **Mechanism:** A simple on/off solenoid. * **Result:** Switches the motor between maximum displacement (high torque, low speed) and minimum displacement (low torque, high speed). Often called "Rabbit/Turtle" mode. #### B. Proportional Displacement Control * **Mechanism:** A proportional solenoid receives a variable PWM (Pulse Width Modulation) signal. * **Result:** Allows for infinitely variable speed control regardless of the flow provided by the pump, enabling smooth acceleration and deceleration curves. --- ### 4. Typical Wiring and Signal Requirements If you are integrating this into an electronic control unit (ECU): * **PWM Frequency:** Usually recommended between **100Hz and 200Hz** to reduce hysteresis (mechanical friction). * **Dither:** Small high-frequency oscillations are often added to the signal to keep the solenoid plunger "floating" for faster response. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout diagrams for the M5VF2-46-R solenoid connectors?
    • ⤷ How do I calibrate the proportional solenoid for this hydraulic motor?
    • ⤷ What are the common failure modes for the electronic sensors on axial piston motors?