전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5VS-45-R

  • AI
    The **M5VS-45-R** is a specific model of a **Signal Conditioner** (Isolator) manufactured by **M-System**. It is part of the M5-UNIT series, which is known for its ultra-slim design and high-density mounting capabilities. --- ## 1. Core Functionality The M5VS-45-R is designed to receive a DC voltage or current input signal and provide an isolated DC voltage or current output signal. This process is used to: * **Isolate Signals:** Prevent ground loops and protect sensitive equipment from high-voltage surges. * **Convert Signals:** Change one signal type to another (e.g., converting a 4-20mA sensor signal to a 0-10V PLC input). * **Amplify/Linearize:** Ensure signal integrity over long distances. --- ## 2. Technical Specifications The "45-R" suffix in the model name specifies the input, output, and power requirements: | Feature | Specification | | :--- | :--- | | **Input (4)** | 0 – 10V DC | | **Output (5)** | 4 – 20mA DC | | **Power Input (R)** | 24V DC (Allowable range 24V ± 10%) | | **Isolation** | 3-way (Input to Output to Power) | | **Accuracy** | ±0.1% | | **Response Time** | ≤ 25 msec (0 – 90%) | | **Housing Width** | 5.9 mm (Ultra-slim) | --- ## 3. Key Electronic Components Internally, the M5VS-45-R consists of several critical electronic stages: ### A. Input Stage * **Voltage Divider/Buffer:** Uses high-precision resistors to scale the 0-10V input without loading the source circuit. * **Operational Amplifiers (Op-Amps):** Low-drift amplifiers ensure the signal is accurately buffered before conversion. ### B. Isolation Barrier * **Optical or Magnetic Coupling:** To achieve 3-way isolation, the device converts the analog signal into a high-frequency pulse or light signal, passes it across a physical gap (isolation transformer or optocoupler), and reconverts it back to analog. This prevents electrical continuity between input and output. ### C. Output Stage (Current Loop) * **Voltage-to-Current Converter:** Since the output is "5" (4-20mA), the device utilizes a precision current source circuit to maintain a stable loop current regardless of the load resistance (up to a specific limit, usually 550Ω). ### D. Power Management * **DC/DC Converter:** An internal switching regulator converts the 24V DC input into internal stabilized voltages required for the Op-Amps and the isolation circuit. --- ## 4. Connection Diagram (Simplified) ```text [ FIELD SIDE ] [ ISOLATION ] [ CONTROL SIDE ] 0-10V Input ------> [ Analog Processing ] ------> 4-20mA Output | | [ 24V DC Power ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance for the 4-20mA output on this model?
    • ⤷ How do I calibrate the zero and span adjustments on the M5VS?
    • ⤷ Can this unit be mounted on a standard DIN rail?