전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M5VS-BD-R

  • AI
    The **M5VS-BD-R** is a high-performance, ultra-slim signal conditioner (isolator) manufactured by **M-System**. It is designed to accept a DC voltage or current input and provide an isolated DC output. Below is a breakdown of its electronic specifications and characteristics. --- ## 1. Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Model** | M5VS-BD-R | | **Input Signal (B)** | 1 – 5 V DC | | **Output Signal (D)** | 4 – 20 mA DC | | **Power Input (R)** | 24 V DC | | **Isolation** | 3-way (Input to Output to Power) | | **Response Time** | ≤ 25 ms (0 – 90%) | | **Accuracy** | ±0.1% of span | --- ## 2. Key Electronic Features ### A. 3-Way Isolation The device provides complete galvanic isolation between the **input**, **output**, and **power supply** circuits. * **Purpose:** This prevents ground loops, protects sensitive PLC/DCS inputs from high-voltage surges, and reduces electrical noise interference. * **Dielectric Strength:** Typically rated for 2000V AC for 1 minute. ### B. High-Density Design The "M5" series is known for its **7.2 mm width**. This allows for high-density mounting on a DIN rail, saving significant cabinet space compared to traditional 20mm or 40mm wide signal conditioners. ### C. Low Power Consumption Designed for industrial efficiency, these units draw very little current, which minimizes heat buildup in sealed control panels. ### D. Zero/Span Adjustments The front panel typically features multi-turn trimmers (potentiometers) for fine-tuning the Zero and Span settings to ensure the output perfectly matches the process requirements. --- ## 3. Circuit Block Diagram (Conceptual) The internal electronics follow this functional path: 1. **Input Stage:** Receives the 1–5V DC signal and passes it through a low-pass filter to remove high-frequency noise. 2. **Isolation Stage:** The signal is modulated and passed across a transformer or optoisolator to maintain electrical separation. 3. **Output Stage:** The isolated signal is demodulated and amplified into a stable 4–20mA current loop capable of driving loads up to 550 $\Omega$. 4. **Power Conversion:** An internal DC-DC converter takes the 24V DC input and creates stabilized internal voltages for the input and output circuits. --- ## 4. Wiring and Installation | Terminal | Connection | Function | | :--- | :--- | :--- | | **1 & 2** | Output (+) / (-) | 4-20mA Signal to PLC/Controller | | **3 & 4** | Input (+) / (-) | 1-5V Signal from Sensor/Transmitter | | **5 & 6** | Power (+) / (-) | 24V DC Operating Power | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance for the 4-20mA output on the M5VS?
    • ⤷ How does the M5VS series handle electromagnetic interference (EMI)?
    • ⤷ Is there a specific DIN rail mounting base required for this model?