전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M60012JFD-R

  • AI
    The **M60012JFD-R** is an integrated circuit, specifically categorized as an **Asynchronous Transfer Mode (ATM) Layer Controller** or a specialized **Communication Controller IC**, often associated with older network infrastructure and high-speed data transmission systems. --- ### 1. Key Specifications While specific datasheets for legacy networking components can be proprietary, the general characteristics for this series include: | Feature | Specification | |:---|:---| | **Category** | Networking IC / ATM Controller | | **Package Type** | LQFP (Low-profile Quad Flat Package) | | **Pin Count** | High density (typically 100+ pins) | | **Logic Voltage** | 3.3V / 5V Compatible | | **Application** | Switching hubs, Network bridges, DSLAM equipment | --- ### 2. Functional Architecture The M60012JFD-R typically manages the middle layer of the OSI model for networking. Its internal architecture is designed to handle: * **Cell Processing:** Segmenting and reassembling data packets into fixed-size cells. * **Buffer Management:** Internal FIFO (First-In, First-Out) memory to handle data bursts. * **Interface Logic:** Managing the physical layer (PHY) interface to ensure data flows correctly to optical or copper mediums. * **Error Correction:** Implementing CRC (Cyclic Redundancy Checks) to maintain data integrity. --- ### 3. Typical Application Schematic Context In a hardware design, this part acts as the "bridge" between the processor and the network line. ```mermaid graph LR CPU[Main Processor] <--> M60[M60012JFD-R Controller] M60 <--> PHY[Physical Layer Transceiver] PHY <--> RJ45[Network Port] ``` ### 4. Part Number Breakdown * **M60012:** The base series identifier for the controller logic. * **JFD:** Specific internal revision and temperature rating (usually industrial grade). * **-R:** Generally indicates **RoHS Compliance** or that the part is shipped in **Tape & Reel** packaging. --- ### 5. Common Usage Scenarios 1. **Legacy Telecommunications:** Used in ADSL or early fiber-optic central office equipment. 2. **Industrial Networking:** Found in robust switching fabric for automated factory floors. 3. **Embedded Systems:** Used in specialized routers that require hardware-level cell switching rather than software-based routing.
    ✨ Follow-up Questions
    • ⤷What is the pinout configuration for the M60012JFD-R?
    • ⤷ Are there modern drop-in replacements for this legacy networking IC?
    • ⤷ How does this controller handle ATM cell header conversion?