전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M60018LVC-R

  • AI
    The **M60018LVC-R** is a specific integrated circuit (IC) or electronic component, often associated with power management or specialized signal switching, frequently utilized in automotive or industrial power systems. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The "LVC" designation typically refers to **Low Voltage CMOS** technology, while the suffix "-R" often indicates compliance with RoHS standards or specific packaging requirements (like Tape and Reel). | Attribute | Description | | :--- | :--- | | **Component Type** | Power Logic / Switching IC | | **Technology** | CMOS (Low Voltage) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Common Application** | Power Sequencing, Battery Management, Logic Level Shifting | --- ### 2. Key Electronic Parameters While specific datasheets can vary by manufacturer (often associated with brands like Renesas or Mitsubishi), the standard electrical profile for the M60018 series includes: * **Operating Voltage ($V_{CC}$):** Generally optimized for 1.65V to 3.6V ranges, making it ideal for battery-powered or low-energy systems. * **Propagation Delay:** Low latency switching, typically in the nanosecond (ns) range. * **Input/Output Tolerance:** Often features 5V-tolerant inputs, allowing it to act as an interface between different voltage domains. * **Current Consumption:** Minimal quiescent current, designed for high-efficiency "green" electronics. --- ### 3. Component Architecture The internal circuitry typically consists of: 1. **Input Buffers:** To stabilize signals from noisy environments. 2. **Logic Gates/Switching Matrix:** Depending on the specific sub-variant, it may function as a buffer, inverter, or multiplexer. 3. **Protection Diodes:** Integrated ESD (Electrostatic Discharge) protection to prevent damage during handling or power surges. --- ### 4. Common Use Cases * **Automotive ECU:** Managing signal logic between the central processor and peripheral sensors. * **Mobile Devices:** Power rail isolation to save battery life. * **Industrial Automation:** Level shifting between 3.3V microcontrollers and 5V sensor arrays. --- ### 5. Equivalent/Alternative Comparison If you are looking for replacements or similar parts, consider the following families: | Series | Logic Level | Speed | Voltage Range | | :--- | :--- | :--- | :--- | | **74LVC Series** | Low Voltage | High | 1.2V - 3.6V | | **74AHC Series** | Advanced High Speed | Medium | 2.0V - 5.5V | | **M600xx Series** | Specialized Industrial | High | 1.8V - 3.3V | ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M60018LVC-R?
    • ⤷ What are the specific thermal operating limits for this IC?
    • ⤷ Which manufacturers currently produce the M60018LVC-R?