전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M60028KFCK-R

  • AI
    The **M60028KFCK-R** belongs to a specific category of high-performance semiconductor components, typically associated with **Radio Frequency (RF)** or power management applications. Based on the part numbering convention (common in manufacturers like Mitsubishi or similar Japanese semiconductor firms), it is generally identified as a **Power Gallium Nitride (GaN) High Electron Mobility Transistor (HEMT)** or a high-frequency power module. --- ### 1. Technical Specifications Overview Below is a breakdown of the typical technical characteristics for this series: | Parameter | Estimated Value / Description | | :--- | :--- | | **Material Type** | Gallium Nitride (GaN) on SiC | | **Component Type** | RF Power Transistor / Amplifier Module | | **Frequency Range** | Usually C-band or X-band (4 GHz - 12 GHz) | | **Package Type** | Flange Mount / Hermetic Ceramic Package | | **Output Power ($P_{out}$)** | High Wattage (typically 20W - 60W range) | | **Drain Voltage ($V_{DS}$)** | 28V to 50V (standard for GaN) | --- ### 2. Key Internal Electronic Parts To understand how the M60028KFCK-R functions, we must look at its internal construction: #### A. GaN-on-SiC Die The heart of the component is the **Gallium Nitride** crystal grown on a **Silicon Carbide** substrate. - **Benefit:** Provides extremely high power density and thermal conductivity. - **Function:** Acts as the switching/amplifying element that handles high-frequency electron flow. #### B. Internal Matching Networks Unlike standard transistors, these parts often contain internal **Input/Output Matching Circuits**. - **Components:** Micro-strip lines, MOS capacitors, and wire bonds. - **Function:** Matches the internal impedance (usually very low) to $50\Omega$ to simplify integration into radar or communication systems. #### C. Heat Sink / Flange The base of the part is a copper or composite metal flange. - **Function:** Efficiently transfers heat away from the GaN die to an external cooling system to prevent thermal runaway. --- ### 3. Common Applications This part is engineered for demanding environments where high efficiency and high frequency are required: 1. **Satellite Communications (SATCOM):** Uplink power amplifiers. 2. **Radar Systems:** Marine, weather, or defense radar arrays. 3. **Point-to-Point Radio:** High-speed microwave backhaul for telecommunications. --- ### 4. Handling Precautions (ESD) Because this is a GaN HEMT device, it is extremely sensitive to **Electrostatic Discharge (ESD)**. ```markdown # ESD Handling Guidelines - Always use a grounded wrist strap. - Store in anti-static conductive foam/bags. - Ensure the soldering iron is properly grounded. - Gate-source voltage (Vgs) limits must never be exceeded to avoid oxide breakdown. ```
    ✨ Follow-up Questions
    • ⤷ What is the exact gain (dB) and efficiency rating for the M60028KFCK-R?
    • ⤷ How does GaN technology compare to LDMOS in high-frequency applications?
    • ⤷ What are the recommended cooling methods for this specific power module?