전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M60028KFK-R

  • AI
    The **M60028KFK-R** is an integrated circuit, typically categorized as a **Gate Array** or a **Custom Logic Integrated Circuit**, manufactured by **Renesas Electronics** (formerly Mitsubishi Electric). These components are primarily used in industrial automation, automotive control systems, and specialized consumer electronics. --- ## Technical Specifications | Parameter | Details | | :--- | :--- | | **Manufacturer** | Renesas Electronics (formerly Mitsubishi) | | **Logic Type** | Gate Array / CMOS Custom Logic | | **Package Type** | QFP (Quad Flat Package) | | **Lead Count** | Typically 80 to 100 pins (Standard for K-series) | | **Voltage Supply** | 3.3V to 5.0V (Standard Logic Levels) | | **Technology** | CMOS (Low Power Consumption) | --- ## Core Electronic Characteristics ### 1. Architecture The M60028 series belongs to the **M60xxx CMOS Gate Array** family. Unlike a standard CPU, this chip is designed with a matrix of logic gates that are interconnected during the final stages of manufacturing to perform specific, hardware-level tasks. ### 2. High-Speed Performance * **Propagation Delay:** Designed for sub-nanosecond or low-nanosecond gate delays, making it suitable for real-time signal processing. * **Clocking:** Supports high-frequency external oscillators for synchronous logic operations. ### 3. I/O Versatility * **Programmable Pins:** The pins can be configured for various functions including input, output, or bi-directional communication. * **Schmitt Trigger Inputs:** Often includes noise-reduction circuitry on the input pins to ensure stable signal reading in "noisy" industrial environments. ### 4. Reliability Features * **ESD Protection:** Built-in protection against electrostatic discharge. * **Thermal Stability:** Rated for extended temperature ranges, often found in automotive or industrial "K" grade variants. --- ## Typical Applications 1. **Industrial Controllers:** Used as a glue-logic chip to manage communication between a CPU and peripheral sensors. 2. **Display Drivers:** Controlling timing signals for specialized LCD or LED matrix displays. 3. **Automotive Systems:** Managing specific functions like dashboard instrumentation or climate control logic where high reliability is required. 4. **Legacy System Maintenance:** Frequently found in older CNC machines or robotics hardware from the late 90s and early 2000s. --- ## Troubleshooting & Replacement Because the **M60028KFK-R** is a custom or semi-custom gate array, it is rarely "off-the-shelf" programmable by the end-user (unlike an FPGA). * **Failure Symptoms:** System "freezing," erratic I/O behavior, or total loss of specific hardware functions. * **Replacement Note:** If replacing this chip, the suffix (KFK-R) must match exactly, as different suffixes denote different internal logic configurations programmed at the factory.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Gate Array like the M60028 and a modern FPGA?
    • ⤷ How can I test the I/O pins of this IC using an oscilloscope?
    • ⤷ Are there modern drop-in replacements for Renesas M60xxx series chips?