전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M60028LFC-R

  • AI
    The **M60028LFC-R** is a specialized semiconductor component, typically categorized as a **Laser Diode Driver** or a high-performance **Optical Communication Integrated Circuit (IC)**. These components are critical in fiber-optic networking and high-speed data transmission systems. --- ### 1. General Specifications The device is designed to interface between digital data streams and optical laser sources (like VCSELs or FP/DFB lasers). | Feature | Description | | :--- | :--- | | **Component Type** | Laser Diode Driver (LDD) | | **Primary Application** | SFP/SFP+ Optical Modules, Fiber Optic Transceivers | | **Package Type** | LFC (Leadless Flat Chip) or QFN equivalent | | **Data Rate** | Typically supports multi-gigabit speeds (e.g., 1.25Gbps to 10Gbps) | | **RoHS Status** | Compliant (indicated by the "-R" or "LF" lead-free suffix) | --- ### 2. Key Electronic Functions The M60028LFC-R performs several sophisticated electronic tasks to ensure stable optical output: * **Modulation Current Control:** Converts differential input signals into high-speed current pulses to drive the laser diode. * **Bias Current Control:** Provides a constant DC offset (bias) to keep the laser above its "threshold" level, ensuring rapid response times. * **APC (Automatic Power Control):** Uses feedback from a monitor photodiode (MPD) to adjust the bias current automatically as the laser ages or temperatures change. * **Safety & Fault Detection:** Includes circuitry to shut down the laser (Tx_Disable) if a fault is detected, preventing eye-safety hazards. --- ### 3. Typical Pinout & Circuitry Components When integrating this part into a PCB, the following peripheral electronic parts are usually required: 1. **AC Coupling Capacitors:** Used on the high-speed input lines to remove DC offsets from the data source. 2. **Ferrite Beads:** Placed on the $V_{CC}$ lines to filter out high-frequency noise that could jitter the laser signal. 3. **Thermistor Interface:** Often used to monitor the laser's temperature to adjust the "Extinction Ratio" (ER) dynamically. 4. **$I^2C$ Interface:** Allows a microcontroller to configure the internal registers (current levels, alarms, and diagnostic settings). --- ### 4. Application Areas * **FTTH (Fiber to the Home):** Used in GPON or EPON optical line terminals. * **Data Centers:** High-speed Ethernet switches and routers. * **Industrial Links:** High-speed isolated data communication in electrically noisy environments. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage requirements for the M60028LFC-R?
    • ⤷ Can you provide a typical application circuit diagram for this laser driver?
    • ⤷ How does the 'LFC' package type affect the thermal management of the chip?