전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M60031GFC-R

  • AI
    The **M60031GFC-R** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD)** integrated circuit. Based on industry numbering conventions, this part number is often associated with high-frequency RF (Radio Frequency) modules or specific power management controllers used in telecommunications and mobile hardware. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) / RF Front-End | | **Package Type** | GFC (Often refers to a Flip Chip or Fine-pitch Grid Array) | | **Mounting Type** | Surface Mount (SMT) | | **RoHS Status** | Compliant (Lead-free) | | **Operating Temp** | Typically -40°C to +85°C (Industrial Grade) | --- ### 2. Key Internal Components & Architecture The "GFC" suffix usually indicates a **Flip Chip** architecture. This design provides several electronic advantages: * **Reduced Inductance:** By eliminating wire bonds, the signal path is shortened, which is critical for high-speed or high-frequency applications. * **Thermal Efficiency:** The direct connection to the substrate allows for better heat dissipation from the silicon die. * **Signal Integrity:** Improved electrical performance due to lower parasitic capacitance. ### 3. Application Areas Electronic parts with this designation are commonly found in: 1. **Mobile Communications:** Signal processing or power amplification in smartphones. 2. **RF Transceivers:** Used in the transmission and reception of radio signals. 3. **Power Management:** Regulating voltage levels for sensitive digital processors. ### 4. Handling and Soldering Requirements As an SMD component, the M60031GFC-R requires specific PCB assembly processes: * **Moisture Sensitivity Level (MSL):** Usually rated at MSL 3, requiring controlled storage to prevent "popcorning" during reflow. * **Reflow Profile:** Requires a Lead-Free (Pb-Free) solder profile with a peak temperature typically around 260°C. * **Land Pattern:** Requires precise PCB footprint design to align with the fine-pitch GFC pads. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the M60031GFC-R?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ What are the common failure modes for GFC-packaged ICs?