전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M60031GVC-R

  • AI
    The **M60031GVC-R** is a high-precision, low-profile crystal oscillator, typically part of a frequency control timing solution. It is manufactured by providers such as **MtronPTI**. These components are essential for providing a stable clock signal in high-speed data communications and aerospace electronics. --- ## Technical Specifications The table below outlines the primary electronic characteristics typical of the M60031 series: | Parameter | Specification (Typical) | | :--- | :--- | | **Output Type** | CMOS / TTL | | **Frequency Range** | 1.0 MHz to 125 MHz (Model specific) | | **Supply Voltage ($V_{DD}$)** | 3.3V or 5.0V | | **Frequency Stability** | ±20ppm to ±100ppm | | **Operating Temp Range** | -40°C to +85°C (Industrial) | | **Package Style** | Surface Mount (SMD), 5x7mm or 3.2x5mm | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ## Internal Electronic Components Inside the M60031GVC-R "can" or package, several distinct electronic structures work together: ### 1. Quartz Crystal Blank The heart of the device. It is a thin slice of quartz cut at a specific angle (usually AT-cut) to vibrate at a precise frequency when an electric field is applied (the **Piezoelectric Effect**). ### 2. Oscillator IC (Application Specific IC) The quartz crystal itself is a passive component. The "GVC" variant includes an active integrated circuit that contains: * **Inverter/Amplifier:** Sustains the mechanical vibration of the crystal. * **Feedback Resistor:** Sets the bias point for the inverter. * **Load Capacitors:** Integrated on-chip to tune the oscillation to the exact desired frequency. ### 3. Output Buffer An electronic stage that isolates the sensitive crystal oscillation from the external load. This ensures that the clock signal remains sharp (fast rise/fall times) even when driving other integrated circuits on a PCB. ### 4. Tri-state Control (Enable/Disable) The "G" or "V" designations often refer to specific pin configurations. This part usually includes a **Tri-state** function on Pin 1. When high, the clock outputs normally; when low, the output goes to a high-impedance state to save power. --- ## Key Features & Applications * **Low Jitter:** Designed for timing-sensitive applications like Gigabit Ethernet or Fibre Channel. * **High Reliability:** Often used in military or rugged industrial environments. * **Sealed Package:** The component is hermetically sealed in a ceramic package with a metal lid to prevent frequency drift caused by humidity or atmospheric pressure. ### Common Use Cases 1. **Network Switches:** Providing the reference clock for data packets. 2. **Embedded Systems:** Microcontroller clocking. 3. **Industrial Controllers:** Timing for PLCs and automated machinery.
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency of the M60031GVC-R version you are looking at?
    • ⤷ How does the Tri-state function on Pin 1 affect power consumption?
    • ⤷ What are the soldering profile requirements for this SMD package?