전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M60032GFK-R

  • AI
    ## Overview of M60032GFK-R The **M60032GFK-R** is a specific electronic component, typically categorized as a high-performance **Synchronous Buck (Step-Down) Regulator** or a Power Management Integrated Circuit (PMIC), often associated with manufacturers like Renesas (formerly Intersil) or specialized power semiconductor brands. --- ### Technical Specifications The following table outlines the typical electrical and physical characteristics of this part series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Synchronous Buck Regulator | | **Input Voltage Range** | 4.5V to 18V (Typical) | | **Output Current** | 3A - 6A (Depending on specific revision) | | **Switching Frequency** | 500 kHz to 1.2 MHz | | **Package Type** | QFN (Quad Flat No-lead) | | **Efficiency** | Up to 95% | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### Key Electronic Features 1. **Integrated MOSFETs**: The "GFK" series usually features integrated high-side and low-side MOSFETs to minimize the external component count and reduce PCB footprint. 2. **Protection Mechanisms**: * **Over-Current Protection (OCP)**: Prevents damage during short circuits. * **Thermal Shutdown**: Automatically powers off if the junction temperature exceeds safety limits. * **Under-Voltage Lockout (UVLO)**: Ensures the device only operates when the input voltage is stable. 3. **Control Loop**: Utilizes Constant On-Time (COT) or Current Mode control to provide fast transient response, which is critical for powering CPUs and FPGAs. 4. **Soft Start**: Includes a programmable or fixed soft-start period to prevent inrush current during power-up. --- ### Pin Configuration (Common QFN Layout) While specific pinouts should always be verified against the official datasheet, the M60032 series generally follows this logic: * **VIN**: Input power supply. * **PVCC**: Internal bias supply. * **SW**: Switching node connected to the inductor. * **GND/PGND**: Signal and Power Ground. * **FB**: Feedback pin to set the output voltage via a resistor divider. * **EN**: Enable pin to turn the regulator on or off. --- ### Typical Application Circuit ```mermaid graph LR Input(Vin: 12V) --> Chip[M60032GFK-R] Chip --> L1(Inductor) L1 --> Output(Vout: 1.2V/3.3V) Output --> FB(Feedback Resistors) FB --> Chip ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum output current for the 'R' suffix variant?
    • ⤷ Can you provide a comparison between the M60032 and the M60034 series?
    • ⤷ What are the recommended thermal pad soldering techniques for this QFN package?