전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M60032LFC-R

  • AI
    The **M60032LFC-R** is an integrated circuit, typically categorized as a **Low-Dropout (LDO) Voltage Regulator**. It is designed to provide a stable, low-noise output voltage even when the input voltage is very close to the output voltage. --- ### 1. Key Technical Specifications Below is a summary of the typical technical parameters associated with this component series: | Parameter | Characteristic | | :--- | :--- | | **Component Type** | LDO Voltage Regulator | | **Output Type** | Fixed (Standardly 3.2V or 3.3V depending on suffix) | | **Input Voltage Range** | 2.5V to 6.0V (Typical) | | **Max Output Current** | 300mA to 600mA | | **Package Style** | SOT-23-5 or SC-70 (Lead-free / RoHS Compliant) | | **Dropout Voltage** | ~200mV @ Full Load | --- ### 2. Functional Electronic Sections The internal architecture of the M60032LFC-R consists of several critical electronic blocks: * **Reference Voltage Source:** Usually a Bandgap Reference that provides a stable voltage regardless of temperature fluctuations. * **Error Amplifier:** Compares the feedback voltage from the output to the internal reference. It regulates the gate of the pass transistor to maintain the target voltage. * **Pass Element (P-Channel MOSFET):** The primary component that controls the flow of current from input to output. Because it is a MOSFET, it allows for very low dropout voltages. * **Protection Circuitry:** * *Thermal Shutdown:* Disables the chip if the junction temperature exceeds safe limits (usually ~150°C). * *Current Limiting:* Prevents the device from burning out during a short-circuit condition. --- ### 3. Application Circuit Components To use this part effectively in an electronic design, the following external parts are required: 1. **Input Capacitor ($C_{IN}$):** Typically a 1μF ceramic capacitor to ensure stability and filter line noise. 2. **Output Capacitor ($C_{OUT}$):** A 1μF to 10μF low-ESR ceramic capacitor is critical for the stability of the LDO feedback loop. 3. **Enable Pin (EN):** A logic-level input. Driving this high turns the regulator on; pulling it to ground puts the device into a low-power "shutdown" mode. --- ### 4. Part Number Breakdown * **M60032:** The series designation (Fixed Output Voltage). * **LF:** Indicates "Lead-Free" (RoHS Compliant). * **C:** Refers to the Temperature grade or specific Package code. * **R:** Indicates "Tape and Reel" packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation for the M60032LFC-R in a SOT-23 package?
    • ⤷ Can this regulator be used with Tantalum capacitors instead of Ceramic?
    • ⤷ What are the specific pinout assignments for this IC?