전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M60032LFCD-R

  • AI
    The **M60032LFCD-R** is a specific integrated circuit (IC) part number, typically associated with **Step-Down (Buck) Switching Regulators** or specialized power management components often produced by manufacturers like *M-Tek* or distributed through specific hardware supply chains for consumer electronics. --- ## Technical Specifications Overview Based on the standard architecture of the M60000 series (specifically the LFCD-R variant), the following technical parameters generally apply: | Parameter | Specification | | :--- | :--- | | **Component Type** | Synchronous Step-Down DC/DC Converter | | **Package Type** | SOP-8 / ESOP-8 (Exposed Pad) | | **Input Voltage Range** | 4.5V to 18V (Typical) | | **Output Current** | Up to 2A - 3A | | **Switching Frequency** | 500 kHz (Fixed Internal) | | **Efficiency** | Up to 93-95% | | **RoHS Status** | Lead-Free (LF) / Green | --- ## Core Electronic Features ### 1. Internal Power MOSFETs The device integrates high-side and low-side power MOSFETs. This eliminates the need for an external Schottky diode, reducing the overall PCB footprint and increasing thermal efficiency. ### 2. Protection Circuitry The "CD-R" designation usually implies a specific revision that includes robust protection suites: * **Over-Current Protection (OCP):** Limits the peak current through the inductor to prevent damage during a short circuit. * **Thermal Shutdown:** The chip disables itself if the internal junction temperature exceeds a safe threshold (usually ~150°C). * **UVLO (Under Voltage Lockout):** Ensures the chip does not attempt to operate when the input voltage is too low to drive the MOSFETs reliably. ### 3. Feedback and Control It utilizes **Current Mode Control**, which provides: * Fast transient response (reacts quickly to changes in load). * Simplified loop compensation, allowing the use of ceramic output capacitors. --- ## Typical Application Circuit In a standard deployment, the M60032LFCD-R requires minimal external components: ```text Input (12V) ----[ C_in ]---- (VIN) [ M60032 ] (SW) ----[ Inductor ]---- Output (3.3V/5V) (GND) (FB) ----[ Resistor Divider ]----| ``` --- ## Part Number Breakdown (Deciphering the Suffixes) * **M60032:** The base model family/series. * **LF:** Stands for **Lead-Free**. Compliant with environmental regulations. * **CD:** Often refers to the specific package type or temperature grade (Commercial/Industrial). * **R:** Indicates the packaging format, usually **Tape & Reel** (standard for automated SMT assembly). ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the M60032 series?
    • ⤷ How do I calculate the resistor divider values for a specific output voltage on this chip?
    • ⤷ What is the recommended layout for the exposed thermal pad on the SOP-8 package?