전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M60038KFK-R

  • AI
    The **M60038KFK-R** is a high-performance **Synchronous Buck (Step-Down) Converter IC** typically used in power management applications. It is designed to convert a higher input voltage to a lower, regulated output voltage with high efficiency. --- ## 1. Technical Specifications Overview The following table summarizes the primary electrical characteristics of the M60038KFK-R series: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Input Voltage Range** | 4.5V to 18V | V | | **Output Current** | Up to 3A | A | | **Switching Frequency** | ~500 kHz | Hz | | **Feedback Voltage** | 0.8V | V | | **Package Type** | SOP-8 (Exposed Pad) | - | | **Efficiency** | Up to 95% | % | --- ## 2. Key Internal Electronic Components The IC integrates several critical electronic sub-systems into a single silicon chip to reduce the external Bill of Materials (BOM): ### A. Power MOSFETs The chip integrates both a **High-Side MOSFET** and a **Low-Side MOSFET**. * **Function:** They act as electronic switches. Because the low-side switch is integrated, there is no need for an external Schottky diode, which improves efficiency and saves board space. ### B. PWM Controller * **Function:** Uses Pulse Width Modulation (PWM) to control the "on-time" of the MOSFETs. It monitors the output voltage via a feedback pin and adjusts the duty cycle to maintain a steady voltage regardless of load changes. ### C. Protection Circuitry The M60038KFK-R includes internal safety mechanisms: * **OCP (Over Current Protection):** Limits the peak current through the inductor to prevent damage. * **OTP (Over Temperature Protection):** Shuts down the IC if the junction temperature exceeds safe limits (usually around 150°C). * **UVLO (Under Voltage Lockout):** Ensures the device doesn't attempt to start up until the input voltage is high enough to drive the internal logic. --- ## 3. Standard Application Circuit To function, the IC requires a few specific external electronic components: 1. **Input Capacitor ($C_{IN}$):** Filters input noise and provides local energy storage for the high-frequency switching. 2. **Inductor ($L$):** Stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle. 3. **Output Capacitor ($C_{OUT}$):** Smooths the output voltage ripple. 4. **Feedback Resistors ($R_1, R_2$):** A voltage divider that tells the IC what the current output voltage is. ```python # Output Voltage Formula # V_out = V_ref * (1 + R1 / R2) # Where V_ref is typically 0.8V ``` --- ## 4. Typical Applications * Distributed Power Systems * Networking Equipment (Routers, Switches) * FPGA, DSP, and ASIC Power Supplies * LCD TVs and Monitors
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the inductor and output capacitor for this IC?
    • ⤷ How does the 'Exposed Pad' in the SOP-8 package affect thermal management?
    • ⤷ Can this IC be used for battery-powered applications with variable input voltages?