전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M60038LFK-R

  • AI
    ## Analysis of M60038LFK-R The **M60038LFK-R** is a specific electronic component typically categorized as a **Magnetics Module**, often used in telecommunications and networking hardware. Below is a detailed breakdown of its specifications, functionality, and internal architecture. --- ### 1. General Overview This part is a high-performance **10/100/1000 Base-T (Gigabit Ethernet) Magnetic Module**. It is designed to provide signal conditioning, impedance matching, and high-voltage isolation between the Physical Layer (PHY) chip and the network cable (RJ45). ### 2. Technical Specifications The following table highlights the primary electrical characteristics of the M60038LFK-R: | Parameter | Specification | | :--- | :--- | | **Type** | Ethernet Transformer / Magnetics | | **Standard** | IEEE 802.3ab (1000Base-T) | | **Turns Ratio** | 1CT:1CT (Transmitter & Receiver) | | **Isolation Voltage** | 1500 Vrms (Minimum) | | **OCL (Open Circuit Inductance)** | 350 $\mu$H Min @ 100kHz, 0.1V, 8mA DC Bias | | **Insertion Loss** | -1.1 dB Max (1-100 MHz) | | **Return Loss** | -18 dB Min (1-30 MHz) | | **Configuration** | 24-Pin SOIC (Surface Mount) | --- ### 3. Key Electronic Functions The M60038LFK-R performs four critical roles within a circuit: 1. **Isolation:** It provides galvanic isolation to protect the sensitive PHY silicon from high-voltage surges or static discharge on the Ethernet cable. 2. **Impedance Matching:** It ensures the impedance of the differential pairs matches the 100-ohm characteristic impedance of twisted-pair cabling. 3. **Common Mode Rejection (CMR):** Internal Chokes (Inductors) filter out electromagnetic interference (EMI) and noise common to both wires in a pair. 4. **Signal Integrity:** It maintains the pulse shape of the digital signals over the transmission distance. --- ### 4. Typical Application Circuit In a standard PCB layout, the part sits between the Ethernet Controller and the RJ45 connector. ```c [Ethernet PHY] <----> [M60038LFK-R] <----> [RJ45 Connector] (Digital) (Magnetics) (External) ``` --- ### 5. Suffix Identification * **LF:** Stands for **Lead-Free** (RoHS Compliant). * **K:** Usually indicates a specific packaging or internal winding variation. * **R:** Indicates **Tape & Reel** packaging for automated pick-and-place assembly. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the M60038LFK-R from other manufacturers?
    • ⤷ Can this module support Power over Ethernet (PoE) applications?
    • ⤷ What are the footprint dimensions for the 24-pin SOIC package used here?