전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M60041JFCK-R

  • AI
    The **M60041JFCK-R** is a specific surface-mount electronic component, typically categorized as a high-precision, high-frequency **Crystal Oscillator** or a specialized **Clock Generator IC**. These components are critical for providing stable timing signals in telecommunications, computing, and industrial electronics. --- ### 1. Key Technical Specifications Based on standard nomenclature for this series, the technical parameters generally include: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Crystal Oscillator (SMD) | | **Frequency Range** | Usually fixed (varies by sub-type, e.g., 25MHz - 156.25MHz) | | **Supply Voltage** | 2.5V to 3.3V DC | | **Output Type** | LVPECL, LVDS, or CMOS | | **Stability** | ±20ppm to ±50ppm (Temp dependent) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Package Size** | 7.0 x 5.0 mm or 5.0 x 3.2 mm | --- ### 2. Physical Characteristics The suffix **"-R"** typically denotes **Tape & Reel** packaging, indicating that the parts are intended for automated pick-and-place assembly lines. * **Mounting Type:** Surface Mount Device (SMD/SMT). * **Termination:** Gold-plated pads for high conductivity and oxidation resistance. * **Seal:** Hermetically sealed ceramic package to protect the quartz crystal from environmental moisture. --- ### 3. Functional Blocks Inside the M60041JFCK-R, the following internal sub-parts work together: 1. **Quartz Crystal Blank:** The vibrating element that dictates the base frequency. 2. **Oscillator IC:** An integrated circuit that provides the gain needed to start and maintain oscillation. 3. **Output Buffer:** Ensures the signal is strong enough to drive the load on the PCB without distorting the waveform. 4. **Bypass Capacitors (Internal):** Often included to filter noise from the power supply. --- ### 4. Application Areas These parts are commonly found in: * **Networking Gear:** Routers, switches, and base stations requiring precise timing for data packets. * **Storage Systems:** Fibre Channel and Ethernet controllers. * **Embedded Systems:** High-speed microcontrollers that require an external clock source more stable than internal RC oscillators. --- ### 5. Part Number Breakdown (General) While specific to the manufacturer (often Microsemi/Microchip or specialized timing vendors), the code usually breaks down as follows: * **M60041:** Series identifier/Base Model. * **JF:** Stability and Temperature code. * **CK:** Frequency or Output Logic code. * **R:** Tape and Reel (Packaging).
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency rating for this specific part number?
    • ⤷ Can you provide a pinout diagram for the M60041 series?
    • ⤷ What are the equivalent alternatives for the M60041JFCK-R?