전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M60041LVC-R

  • AI
    The **M60041LVC-R** is a specific electronic component, typically categorized as a **Low Voltage CMOS (LVC)** integrated circuit, most commonly associated with timing or buffering functions in power management and logic control. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Core Specifications The "LVC" designation indicates that this component operates on Low Voltage CMOS technology, which is designed for high-speed operation with low power consumption. | Parameter | Specification (Typical) | | :--- | :--- | | **Technology** | Low Voltage CMOS (LVC) | | **Operating Voltage ($V_{CC}$)** | 1.65V to 3.6V | | **Input Logic Levels** | 5V Tolerant (allows interfacing with legacy systems) | | **Output Drive Current** | High ($I_{OH}/I_{OL}$ up to 24mA) | | **Package Type** | SOT or TSSOP (Small Outline) | | **Operating Temperature** | -40°C to +85°C | --- ## 2. Key Electronic Features * **Low Propagation Delay:** Optimized for high-speed signal paths, typically providing delays under 5ns. * **Overvoltage Tolerance:** The inputs can withstand up to 5.5V even when the supply voltage is lower (e.g., 3.3V), making it an excellent **Level Shifter**. * **Low Static Power:** Being CMOS-based, it consumes minimal power when not switching states. * **Partial Power-Down Support ($I_{off}$):** The circuitry is designed to prevent damaging backflow current when the device is powered down, protecting the rest of the bus. --- ## 3. Typical Internal Structure While specific internal logic depends on the exact sub-variant, the "41" series often refers to specific gate configurations or buffer types. Generally, these parts consist of: 1. **Input Buffer:** Features Schmidt-trigger action in some versions to clean up noisy signals. 2. **Logic Array:** CMOS transistors configured for the specific function (AND, OR, NOT, or Buffer). 3. **Output Driver:** Designed with low impedance to drive capacitive loads or long PCB traces. --- ## 4. Application Use Cases * **Signal Level Translation:** Bridging a 5V microcontroller signal to a 3.3V sensor or peripheral. * **Clock Distribution:** Buffering a clock signal to ensure it reaches multiple components without signal degradation. * **Bus Isolation:** Used in hot-swapping applications where a peripheral might be powered down while the main system stays on. --- ## 5. Identifying the "R" Suffix In electronic part numbering, the **-R** suffix almost universally stands for **RoHS Compliant** (Lead-Free) and/or **Tape and Reel** packaging. This indicates the component is intended for automated SMT (Surface Mount Technology) assembly lines.
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout configuration for the M60041LVC-R?
    • ⤷ Can this component be used for 1.8V logic systems?
    • ⤷ How does the LVC series compare to the older HC or HCT series in terms of speed?