전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M60042GVC-R

  • AI
    The **M60042GVC-R** is a specific integrated circuit component, typically categorized under power management or signal control modules, often associated with Mitsubishi Electric or Renesas technologies (frequently used in automotive or industrial power steering systems). Below is a breakdown of its electronic characteristics and typical specifications. --- ## 1. Component Overview The M60042GVC-R is generally identified as a **Power MOSFET Driver** or a **Custom System IC** designed for high-reliability environments. | Feature | Description | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) | | **Primary Function** | Power Management / Gate Driver | | **Package Type** | QFP (Quad Flat Package) or SOP | | **Mounting Type** | Surface Mount (SMD) | | **Application** | Automotive Electronics (ECUs, Power Steering) | --- ## 2. Key Electronic Characteristics ### A. Voltage and Current Regulation * **Gate Driving:** Designed to provide high-current pulses to charge and discharge the gate capacitance of external MOSFETs rapidly. * **Voltage Range:** Operates within standard automotive logic levels (typically 5V logic) while handling higher battery-side voltages (12V-24V). ### B. Protection Circuitry This IC usually incorporates several internal safety layers to protect the master microcontroller (MCU): 1. **Over-Temperature Shutdown:** Internally monitors silicon temperature. 2. **Short-Circuit Protection:** Detects anomalies in the output stage. 3. **Under-Voltage Lockout (UVLO):** Ensures the chip does not operate if the supply voltage is too low to safely drive the MOSFETs. ### C. Communication Interface It often utilizes a standard communication protocol to interface with the main ECU: * **PWM Control:** Accepts Pulse Width Modulation signals to control the speed or torque of motors. * **Diagnostic Pins:** Provides feedback status (High/Low) to the MCU to indicate if a fault has occurred. --- ## 3. Typical Pin Configuration (Functional Groups) | Pin Group | Function | | :--- | :--- | | **Vcc / Vdd** | Power supply pins for logic and driving circuits. | | **GND** | Ground reference. | | **IN (Logic)** | Input signals from the Microcontroller. | | **OUT (Gate)** | High-current outputs to the power transistors. | | **DIAG** | Diagnostic output for error reporting. | --- ## 4. Usage in Automotive Systems The "GVC" and "R" suffixes often denote specific revisions or packaging standards (such as RoHS compliance). You will most commonly find this part inside: * **EPS (Electronic Power Steering):** Controlling the H-bridge that drives the steering motor. * **ABS Modules:** Managing solenoid valve timings. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the M60042GVC-R?
    • ⤷ Can you provide a pinout diagram for the QFP version of this IC?
    • ⤷ How do I troubleshoot a failure in a circuit using the M60042GVC-R?