전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M60042LFCK-R

  • AI
    The **M60042LFCK-R** is a specific surface-mount electronic component, typically categorized under power management or specialized integrated circuits (ICs). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The M60042LFCK-R is often associated with high-frequency power switching or motor control applications. It belongs to a family of components designed for efficiency and small form-factor thermal management. ### 2. Technical Specifications While specific datasheets can vary by manufacturer (often associated with brands like Mitsubishi or Renesas), the general parameters for this part class are as follows: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Power Management IC / MOSFET Driver | | **Package Type** | SOP-8 / Power-SOP | | **Mounting Type** | Surface Mount (SMD) | | **Voltage Rating** | Typically 20V - 40V (Vds/Vcc) | | **Current Rating** | High-current pulse capable | | **Operating Temp** | -40°C to +125°C | | **RoHS Status** | Compliant (R-suffix indicates RoHS) | --- ### 3. Key Electronic Features * **Low On-Resistance ($R_{DS(on)}$):** Designed to minimize power loss during conduction, making it ideal for battery-operated devices. * **High Switching Speed:** Capable of operating at high frequencies which allows for the use of smaller external inductors and capacitors in the circuit. * **Thermal Protection:** Usually includes internal thermal shutdown mechanisms to prevent damage from overheating. * **Lead-Free (LF):** The "LF" in the part number signifies Lead-Free construction, meeting global environmental standards. --- ### 4. Common Applications Due to its power handling capabilities, the M60042LFCK-R is frequently found in: 1. **DC-DC Converters:** Used in step-down (Buck) or step-up (Boost) modules. 2. **Motor Drivers:** Controlling small DC motors in consumer electronics. 3. **Battery Management Systems (BMS):** Serving as a protection switch or charging controller. 4. **LCD Backlighting:** Driving the power stage for LED arrays in displays. --- ### 5. Schematic Symbol & Footprint When designing a PCB (Printed Circuit Board) for this part, the following must be considered: * **Footprint:** Ensure the land pattern matches the "CK" package variation (usually a 0.65mm or 1.27mm pitch). * **Thermal Pad:** If the version has an exposed pad (EP), it must be soldered to a large copper plane for heat dissipation.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout configuration for the M60042LFCK-R?
    • ⤷ Can this component be used in 110V/220V AC applications?
    • ⤷ What are the recommended alternatives if this part is out of stock?