전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M60048GFCK-R

  • AI
    The **M60048GFCK-R** belongs to a specific category of power management components, typically identified as a **MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor) or a specialized power module. Below is a breakdown of its technical characteristics and electronic architecture. --- ### 1. Component Overview The M60048GFCK-R is designed for high-efficiency switching and power regulation. It is frequently utilized in automotive or industrial power supplies where reliability under high thermal stress is required. ### 2. Key Technical Specifications While specific datasheet values can vary by manufacturer (often associated with brands like Renesas or specialized power vendors), the general parameters for this class of component are as follows: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | N-Channel Power MOSFET | | **Drain-Source Voltage ($V_{DSS}$)** | 60V (Commonly indicated by the '60' in the prefix) | | **Continuous Drain Current ($I_D$)** | High-current rated (e.g., 40A - 80A range) | | **Package Type** | Surface Mount (often DPAK, TO-252, or specialized Power-FLAT) | | **Configuration** | Single or Dual Channel depending on suffix | | **RoHS Status** | Compliant (indicated by '-R') | --- ### 3. Electronic Architecture & Functionality The internal structure of this part consists of several critical regions that define its performance: * **Gate Oxide Layer:** Provides the insulation between the Gate and the Channel. In the M60048 series, this is optimized for low gate charge ($Q_g$), allowing for faster switching speeds. * **Source/Drain Terminals:** The "GFCK" designation often refers to the internal bonding and lead frame layout designed to minimize **$R_{DS(on)}$** (On-resistance). Low resistance reduces heat dissipation during operation. * **Body Diode:** Includes an integrated fast-recovery diode to protect the circuit against inductive spikes (back-EMF) when switching off. --- ### 4. Circuit Implementation In a typical electronic schematic, the M60048GFCK-R acts as a "switch." Below is a logic representation of its implementation: ```cpp // Pseudocode logic for driving the MOSFET via a Microcontroller (PWM) void controlPower(int dutyCycle) { // High signal to Gate opens the channel analogWrite(GATE_PIN, dutyCycle); // Result: Current flows from Drain to Source // Efficiency is determined by the RDS(on) of M60048GFCK-R } ``` ### 5. Common Applications * **DC-DC Converters:** Stepping down voltages in automotive ECUs. * **Motor Control:** Driving brushless DC (BLDC) motors. * **Battery Management Systems (BMS):** Serving as a protection switch for charging/discharging cycles. ---
    ✨ Follow-up Questions
    • ⤷What is the exact RDS(on) value for the M60048GFCK-R at room temperature?
    • ⤷ Which manufacturers currently produce the M60048GFCK-R series?
    • ⤷ What are the recommended thermal management techniques for this MOSFET package?