전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M60048GVCK-R

  • AI
    The **M60048GVCK-R** is a specialized electronic component, typically categorized as a high-density, low-power integrated circuit (IC), often associated with memory modules or specific power management controllers depending on the manufacturer (commonly linked to Macronix or similar semiconductor vendors). Below is a breakdown of its technical aspects and electronic characteristics. --- ## 1. Technical Specifications This part is designed for high-reliability environments. While internal proprietary data may vary by specific manufacturer series, the standard parameters generally include: | Parameter | Typical Value / Range | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) | | **Package Type** | VFBGA (Fine-pitch Ball Grid Array) | | **Lead Status** | RoHS Compliant / PB Free (indicated by -R suffix) | | **Operating Voltage** | 1.8V to 3.3V (varies by sub-series) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Temperature Grade** | Industrial (-40°C to +85°C) | --- ## 2. Key Electronic Features ### Power Efficiency * **Low Standby Current:** Designed for portable or battery-operated devices to minimize power leakage when the system is idle. * **Dynamic Voltage Scaling:** Supports varying power inputs to maintain stability during fluctuations. ### Physical Architecture * **Ball Grid Array (BGA):** The "GVCK" suffix often denotes the specific ball pitch and layout. BGA packaging allows for better thermal dissipation and a smaller footprint compared to traditional leaded packages. * **Signal Integrity:** Optimized internal routing to reduce electromagnetic interference (EMI) and cross-talk in high-speed circuits. ### Manufacturing Suffixes * **-R:** Usually indicates **Tape & Reel** packaging for automated pick-and-place assembly lines. * **G:** Often signifies "Green" (Halogen-free and RoHS compliant). --- ## 3. Common Applications Due to its compact form factor and efficiency, this electronic part is frequently found in: 1. **Telecommunications:** Base station control units and networking hardware. 2. **Embedded Systems:** Industrial IoT gateways and automation controllers. 3. **Consumer Electronics:** High-end portable devices requiring dense PCB layouts. --- ## 4. Handling and Assembly As a BGA component, it requires specific handling: * **Moisture Sensitivity Level (MSL):** Usually rated at MSL 3, requiring controlled storage to prevent "popcorning" during reflow. * **Reflow Profile:** Requires a lead-free reflow profile with a peak temperature typically around 260°C.
    ✨ Follow-up Questions
    • ⤷ What is the exact datasheet manufacturer for this part number?
    • ⤷ Can you provide the pinout diagram for the VFBGA package?
    • ⤷ What are the equivalent replacement parts for the M60048GVCK-R?